Electronic Components Datasheet Search
  English  ▼

X  

BMM150 Datasheet(PDF) 32 Page - Bosch Sensortec GmbH

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 Datasheet(HTML) 32 Page - Bosch Sensortec GmbH

Back Button BMM150 Datasheet HTML 28Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 29Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 30Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 31Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 32Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 33Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 34Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 35Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 36Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 32
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
6. Digital interfaces
The BMM150 supports SPI and I²C digital interface protocols for communication as a slave with
a host device.
The active interface is selected by the state of the “protocol select” pin (PS):
PS: “0” (“1”) selects SPI (I²C).
By default, SPI operates in the standard 4-wire configuration. It can be re-configured by
software to work in 3-wire mode instead of standard 4-wire mode.
Both interfaces share the same pins. The mapping for each interface is given in the following
table:
Table 27: Mapping of the interface pins
Pin# Name
use w/
SPI
use w/ I²C
Description
C1
SDO
SDO
I²C address
selection
SPI: Data Output (4-wire mode)
I²C: Used to set LSB of I²C address
B4
SDI
SDI
SDA
SPI: Data Input (4-wire mode) Data Input /
Output (3-wire mode)
I²C: Serial Data
A5
CSB
CSB
I²C address
selection
SPI: Chip Select (enable)
I²C: Used to set bit1 of I²C address
A3
SCK
SCK
SCL
SPI: Serial Clock
I²C: Serial Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com