Electronic Components Datasheet Search
  English  ▼

X  

BMP280 Datasheet(PDF) 15 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 15 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 19Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 15
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
3.5 Noise
Noise depends on the oversampling and filter settings selected. The stated values were
determined in a controlled pressure environment and are based on the average standard
deviation of 32 consecutive measurement points taken at highest sampling speed. This is needed
in order to exclude long term drifts from the noise measurement.
Table 8: Noise in pressure
Typical RMS noise in pressure [Pa]
Oversampling setting
IIR filter coefficient
off
2
4
8
16
Ultra low power
3.3
1.9
1.2
0.9
0.4
Low power
2.6
1.5
1.0
0.6
0.4
Standard resolution
2.1
1.2
0.8
0.5
0.3
High resolution
1.6
1.0
0.6
0.4
0.2
Ultra high resolution
1.3
0.8
0.5
0.4
0.2
Table 9: Noise in temperature
Typical RMS noise in temperature [°C]
Temperature oversampling
IIR filter off
oversampling ×1
0.005
oversampling ×2
0.004
oversampling ×4
0.003
oversampling ×8
0.003
oversampling ×16
0.002
3.6 Power modes
The BMP280 offers three power modes: sleep mode, forced mode and normal mode. These can
be selected using the mode[1:0] bits in control register 0xF4.
Table 10: mode settings
mode[1:0]
Mode
00
Sleep mode
01 and 10
Forced mode
11
Normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com