Electronic Components Datasheet Search
  English  ▼

X  

LD7516C Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD7516C
Description  Primary Side Quasi-Resonant Controller Operating in CV/CC Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7516C Datasheet(HTML) 4 Page - Leadtrend Technology

  LD7516C Datasheet HTML 1Page - Leadtrend Technology LD7516C Datasheet HTML 2Page - Leadtrend Technology LD7516C Datasheet HTML 3Page - Leadtrend Technology LD7516C Datasheet HTML 4Page - Leadtrend Technology LD7516C Datasheet HTML 5Page - Leadtrend Technology LD7516C Datasheet HTML 6Page - Leadtrend Technology LD7516C Datasheet HTML 7Page - Leadtrend Technology LD7516C Datasheet HTML 8Page - Leadtrend Technology LD7516C Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LD7516C
08/31/2016
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7516C-DS-01 August 2016
Absolute Maximum Ratings
Supply Voltage VCC,
-0.3V ~ 40V
OUT
-0.3V ~ VCC+0.3V
COMP, FB, CS
-0.3V ~ 4.0V
FB(AC current≦3mA)
-0.7V ~ 4.0V
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance (SOT-26, θJA)
200
C/W
Power Dissipation (SOT-26, at Ambient Temperature = 85
C)
200mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model
2.5 KV
ESD Voltage Protection, Machine Model
250 V
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability
Recommended Operating Conditions
Item
Min.
Max.
Unit
Operating Junction Temperature
-40
125
C
Supply VCC Voltage
8.5
17
V
VCC Capacitor
4.7
10
F
Start-up resistor Value (AC Side, Half Wave)
1M
6.6M
Comp Pin Capacitor
470
4700
pF
Note:
1.
It
’s essential to connect VCC pin with a SMD ceramic capacitor (0.1
F~0.47F) to
filter out the undesired switching noise for stable operation. This capacitor should be
placed close to IC pin as possible
2.
Connecting a capacitor to COMP pin is also essential to filter out the undesired
switching noise for stable operation.
3.
The small signal components should be placed close to IC pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com