Electronic Components Datasheet Search
  English  ▼

X  

LD8115A Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD8115A
Description  Secondary-side Dimmable Constant Current and Voltage Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8115A Datasheet(HTML) 2 Page - Leadtrend Technology

  LD8115A Datasheet HTML 1Page - Leadtrend Technology LD8115A Datasheet HTML 2Page - Leadtrend Technology LD8115A Datasheet HTML 3Page - Leadtrend Technology LD8115A Datasheet HTML 4Page - Leadtrend Technology LD8115A Datasheet HTML 5Page - Leadtrend Technology LD8115A Datasheet HTML 6Page - Leadtrend Technology LD8115A Datasheet HTML 7Page - Leadtrend Technology LD8115A Datasheet HTML 8Page - Leadtrend Technology LD8115A Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LD8115A
08/02/2017
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8115A-DS-00 August 2017
Pin Configuration
SOP-8
YY:
Year Code
WW:
Week Code
PP:
Production Code
LD8115AGS
YYWWPP
Ordering Information
Part number
Package
Top Mark
Shipping
LD8115A GS
SOP-8
Green package
LD8115AGS
2500 /tape & reel
The LD8115A is ROHS compliant/Green Packaged.
Protection Mode
Int. OTP
VCC OVP
Constant Current Loop Constant Voltage Loop
Auto recovery
None
Auto recovery
Auto recovery
Pin Descriptions
Pin
NAME
FUNCTION
1
VCC
Power Supply to IC, a small bypass capacitor (0.1
F) to GND and closed IC
as possible.
2
GND
Ground. This pin should be tied as close to the ground output terminal of the
converter as possible to minimize load current effect on the voltage
regulation set point
3
OUT
Open-Collector Output .this pin is connected opto-coupler with the limit
resistor to error signal to the primary side.
4
ISEN
Current sense pin. The inverting input of the current loop op amp. This pin is
tied to the end of the current sense resistor through a decoupling resistor
and the threshold voltage at maximum current is 200mV.
5
VSEN
Voltage sense pin. Inverting input of the internal OP-amp. It connected to
the mid-point of a resistor divider that senses the output voltage.
6
DCDIM
In Analog dimming control, this pin is DC level signal input for brightness. If
the devise is PWM Dimming control, this pin adds a 0.1~1uF MLCC
capacitor to filtering PWM signal.
7
ADIM
Signal input for brightness control at PWM Dimming. When devise is in
analog dimming mode, this pin connects to GND.
8
VREF
Internal linear regulator output pin with an external ceramic capacitor of
1~2.2
F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com