Electronic Components Datasheet Search
  English  ▼

X  

LD8116BGL Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD8116BGL
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116BGL Datasheet(HTML) 1 Page - Leadtrend Technology

  LD8116BGL Datasheet HTML 1Page - Leadtrend Technology LD8116BGL Datasheet HTML 2Page - Leadtrend Technology LD8116BGL Datasheet HTML 3Page - Leadtrend Technology LD8116BGL Datasheet HTML 4Page - Leadtrend Technology LD8116BGL Datasheet HTML 5Page - Leadtrend Technology LD8116BGL Datasheet HTML 6Page - Leadtrend Technology LD8116BGL Datasheet HTML 7Page - Leadtrend Technology LD8116BGL Datasheet HTML 8Page - Leadtrend Technology LD8116BGL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LD8116B
08/28/2018
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116B-DS-01 August 2018
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
REV. 01
General Description
The LD8116B contains a processor which can convert the
three different inputs of dimmer type include 0~10V DC
potential, 0~100% duty cycle PWM (Plus Width Modulation)
signal and potentiometer become a PWM signal output. It
is easy to provide the isolation dimming control that via
opto-coupler for smart LED lighting application.
The device features include wide input voltage from 13V to
58V, adjustable bias current source for potentiometer and
high precision LED dimming current.
The LD8116B is the SOT-26 package to minimize the PCB
size as well as component counts.
Features
Wide VCC operating range
Low operation current
Precision dimmer type with
-
Voltage potential : 0/1V to 10V
-
PWM dimming : 0.2k to 10kHz
-
Potentiometer : 0 to 100k Ohm.
Adjustable bias current source of DIM pin
Adjustable minimum output PWM duty clamping
Built in over temperature protection for Chip
Applications
Dimmable LED Power Supply
Dimming Devices
Typical Application
LED+
LED-
GND
DIM
V CC
DDIM
RCLAMP
RISET
RPhoto
RL
RDIM
5V _PWM
0V
V R100K
0 – 10 V
0 V
CDIM
100%
OUT
DIM
10. 2V
Dimming Range A rea
1. 5V
Min . Duty Clamping
Fig. 1 Application Circuit


Similar Part No. - LD8116BGL

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD8116A LEADTREND-LD8116A Datasheet
821Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116AGL LEADTREND-LD8116AGL Datasheet
821Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116C LEADTREND-LD8116C Datasheet
738Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116CGL LEADTREND-LD8116CGL Datasheet
738Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116D LEADTREND-LD8116D Datasheet
756Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
More results

Similar Description - LD8116BGL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
0-10V Dimming Solution
V1.0 2017-07-04
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
A 0-10V Dimming Solution
V1.1 2017-08-04
CDM10VD INFINEON-CDM10VD Datasheet
742Kb / 17P
Flexible 0-10V Dimming Solution
V1.1 2017-08-02
CDM10V-2 INFINEON-CDM10V-2 Datasheet
1,003Kb / 12P
Flexible 0-10V Dimming Solution
V1.1 2017-08-04
logo
Leadtrend Technology
LD8116A LEADTREND-LD8116A Datasheet
821Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116C LEADTREND-LD8116C Datasheet
738Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116D LEADTREND-LD8116D Datasheet
756Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
logo
Infineon Technologies A...
CDM10V INFINEON-CDM10V Datasheet
1Mb / 22P
Flexible 0-10V Dimming Solution
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
logo
List of Unclassifed Man...
XJ180C090V285PSF2M ETC-XJ180C090V285PSF2M Datasheet
1Mb / 10P
180W 0.1-0.9A 0-10V Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com