Electronic Components Datasheet Search
  English  ▼

X  

LD8116CGL Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD8116CGL
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116CGL Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD8116CGL Datasheet HTML 3Page - Leadtrend Technology LD8116CGL Datasheet HTML 4Page - Leadtrend Technology LD8116CGL Datasheet HTML 5Page - Leadtrend Technology LD8116CGL Datasheet HTML 6Page - Leadtrend Technology LD8116CGL Datasheet HTML 7Page - Leadtrend Technology LD8116CGL Datasheet HTML 8Page - Leadtrend Technology LD8116CGL Datasheet HTML 9Page - Leadtrend Technology LD8116CGL Datasheet HTML 10Page - Leadtrend Technology LD8116CGL Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LD8116C
05/05/2018
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116C-DS-00 May 2018
Typical Performance Characteristics
6.30
6.50
6.70
6.90
7.10
7.30
7.50
-40
0
40
80
120
Temperature(℃)
Fig.2 V
CC_ON VS. Temperature
5.10
5.30
5.50
5.70
5.90
6.10
6.30
-40
0
40
80
120
Temperature(℃)
Fig.3 V
CC_OFF VS. Temperature
300
400
500
600
700
800
900
-40
0
40
80
120
Temperature(℃)
Fig.4 I
VCC VS. Temperature
2.20
2.30
2.40
2.50
2.60
2.70
2.80
-40
0
40
80
120
Temperature(℃)
Fig.5 V
ISET_OPEN VS. Temperature
12.1
12.3
12.5
12.7
12.9
13.1
13.3
-40
0
40
80
120
Temperature(℃)
Fig.6 V
DIM_OPEN VS. Temperature
10.40
10.45
10.50
10.55
10.60
10.65
10.70
10.75
10.80
-40
0
40
80
120
Temperature(℃)
Fig. 7 V
DIM_MAX_ON (V) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com