Electronic Components Datasheet Search
  English  ▼

X  

LD8200S Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD8200S
Description  USB Type-C Current Advertisement Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8200S Datasheet(HTML) 2 Page - Leadtrend Technology

  LD8200S Datasheet HTML 1Page - Leadtrend Technology LD8200S Datasheet HTML 2Page - Leadtrend Technology LD8200S Datasheet HTML 3Page - Leadtrend Technology LD8200S Datasheet HTML 4Page - Leadtrend Technology LD8200S Datasheet HTML 5Page - Leadtrend Technology LD8200S Datasheet HTML 6Page - Leadtrend Technology LD8200S Datasheet HTML 7Page - Leadtrend Technology LD8200S Datasheet HTML 8Page - Leadtrend Technology LD8200S Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LD8200S
09/29/2016
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8200S-DS-01 September 2016
Pin Configuration
YY, Y : Year code (D: 2004, E: 2005…..)
WW, W : Week code
PP
: Production code
W00S : LD8200S
1
2
3
6
5
4
YWW 00S
PP
P_CTL GND
VCC
ISEL
CC2
CC1
SOT-26 (TOP VIEW)
Ordering Information
Part number
Package
Top Mark
Shipping
LD8200S GL
SOT-26
YWW/00S
3000 /tape & reel
The LD8200S is ROHS compliant/Green Packaged.
Pin Descriptions
Pin
NAME
FUNCTION
1
P_CTL
Blocking MOS Control
2
GND
Ground
3
VCC
Positive power supply
4
CC1
Type-C configuration channel signal 1
5
CC2
Type-C configuration channel signal 2
6
ISEL
VBUS Current mode selector
L - Default Current. Pull-down to GND.
M - Medium (1.5A) current. Pull-down to GND with 150-k
Ω resistor.
H - High (3.0A) current . leave unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com