Electronic Components Datasheet Search
  English  ▼

X  

QPL6207Q Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPL6207Q
Description  Tested in accordance to AEC-100 Grade 2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL6207Q Datasheet(HTML) 4 Page - Qorvo, Inc

  QPL6207Q Datasheet HTML 1Page - Qorvo, Inc QPL6207Q Datasheet HTML 2Page - Qorvo, Inc QPL6207Q Datasheet HTML 3Page - Qorvo, Inc QPL6207Q Datasheet HTML 4Page - Qorvo, Inc QPL6207Q Datasheet HTML 5Page - Qorvo, Inc QPL6207Q Datasheet HTML 6Page - Qorvo, Inc QPL6207Q Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
QPL6207Q
High-Linearity SDARS LNA
DS Rev C
Subject to change without notice
4 of 7
www.qorvo.com
Applications Schematic
Vbias=3.6V
Icq
40mA
50mA
60mA
70mA
80mA
Vdd=4.5V
R3
4.6K
3.3K
2.55K
1.9K
1.55K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com