Electronic Components Datasheet Search
  English  ▼

X  

QPL6216Q Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPL6216Q
Description  High-Linearity SDARS LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL6216Q Datasheet(HTML) 4 Page - Qorvo, Inc

  QPL6216Q Datasheet HTML 1Page - Qorvo, Inc QPL6216Q Datasheet HTML 2Page - Qorvo, Inc QPL6216Q Datasheet HTML 3Page - Qorvo, Inc QPL6216Q Datasheet HTML 4Page - Qorvo, Inc QPL6216Q Datasheet HTML 5Page - Qorvo, Inc QPL6216Q Datasheet HTML 6Page - Qorvo, Inc QPL6216Q Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
QPL6216Q
High-Linearity SDARS LNA
Data Sheet REV D
Subject to change without notice
4 of 7
www.qorvo.com
®
Pin Configuration and Description
Performance Plots
– QPL6216Q-PCB
Test conditions unless otherwise noted: VDD = 4.5V, VBIAS = 0.45V, F0 = 2332 MHz, Temp = +25°C. Noise figure data has input trace
loss de-embedded.
Pin No.
Label
Description
1
Vbias
Sets the Icq bias point for the device.
2
RF In
RF Input pin. A DC Block is required.
6
Shut Down
A high voltage (>1.17V) turns off the device. If the pin is pulled to ground or driven
with a voltage less than 0.63V, then the device will operate under LNA ON state.
7
RF Out / DCBias
RF Output pin. DC bias will also need to be injected through a RF bias
choke/inductor for operation.
3, 4, 5, 8
NC
No electrical connection. Provide grounded land pads for PCB mounting integrity.
Backside Paddle
RF/DC GND
RF/DC ground. Use recommended via pattern to minimize inductance and
thermal resistance; see PCB Mounting Pattern for suggested footprint.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com