Electronic Components Datasheet Search
  English  ▼

X  

RT9045 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9045
Description  Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9045 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9045 Datasheet HTML 1Page - Richtek Technology Corporation RT9045 Datasheet HTML 2Page - Richtek Technology Corporation RT9045 Datasheet HTML 3Page - Richtek Technology Corporation RT9045 Datasheet HTML 4Page - Richtek Technology Corporation RT9045 Datasheet HTML 5Page - Richtek Technology Corporation RT9045 Datasheet HTML 6Page - Richtek Technology Corporation RT9045 Datasheet HTML 7Page - Richtek Technology Corporation RT9045 Datasheet HTML 8Page - Richtek Technology Corporation RT9045 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9045
2
DS9045-05 April 2014
www.richtek.com
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Test Circuit
Figure 1. Output Voltage Tolerance,
ΔVLOAD
Figure 2. Current in Shutdown Mode, ISTBY
R1 = R2 = 100k
Ω, RTT = 50Ω / 33Ω / 25Ω
RDUMMY = 1k
Ω as for VOUT discharge when VIN is not presented but VCNTL is presented
COUT = 10
μF (Ceramic) under the worst case testing condition
CIN = 10
μF, CCNTL = 1μF, CSS = 1nF to 0.1μF
VIN
REFEN
GND
VCNTL
VOUT
RT9045
0.9V/0.75V/0.675V/0.6V
COUT
IL
VOUT
V
VIN = 1.8V/1.5V/1.35V/1.2V
VCNTL = 5V
VIN
REFEN
GND
VCNTL
VOUT
RT9045
VIN = 1.8V/1.5V/1.35V/1.2V
0.9V/0.75V/0.675V/0.6V
COUT
VOUT
V
RL
0.9V
0V
RL and COUT
Time delay
0.15V
A
VCNTL = 5V
VIN
REFEN
GND
VCNTL
VOUT
RT9045
R1
R2
CSS
VIN = 1.8V/1.5V/1.35V/1.2V
VCNTL = 5V
CCNTL
CIN
RTT
COUT RDUMMY
EN
2N7002
R3
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com