Electronic Components Datasheet Search
  English  ▼

X  

P0780ATF Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P0780ATF
Description  N-Channel High Voltage Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P0780ATF Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  P0780ATF Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P0780ATF Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P0780ATF Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P0780ATF Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
D-17-5
N-Channel High Voltage Mode
Field Effect Transistor
NIKO-SEM
REV 2.0
P0780ATF:TO-220F
P0780ATFS:TO-220FS
Halogen-Free & Lead-Free
ABSOLUTE MAXIMUN RATINGS(TA=25 ° C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
800
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
2
TC = 25 ° C
ID
7
A
TC = 100 ° C
4
Pulsed Drain Current
1
IDM
21
Avalanche Energy
3
EAS
61
mJ
Power Dissipation
TC = 25 ° C
PD
57
W
TC = 100 ° C
23
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
° C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Case
RJC
2.2
° C / W
Junction-to-Ambient
RJA
62.5
° C / W
1Pulse width limited by maximum junction temperature.
2Ensure that the channel temperature does not exceed 150°C.
3V
DD = 50V , L = 10mH ,starting TJ = 25°C.
ELECTRICAL CHARACTERISTICS (TJ = 25 ° C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
800
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
2.5
3.5
4.5
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±30V
±100
nA
Gate Voltage Drain Current
IDSS
VDS = 800V, VGS = 0V , TC = 25 ° C
1
A
VDS = 640V, VGS = 0V , TC = 100 ° C
100
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
800V
1.94Ω
7A
G
D
S
1. GATE
2. DRAIN
3. SOURCE


Similar Part No. - P0780ATF

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
P0780ATF UNIKC-P0780ATF Datasheet
549Kb / 6P
N-Channel High Voltage Mode Field Effect Transistor
P0780ATFS UNIKC-P0780ATFS Datasheet
549Kb / 6P
N-Channel High Voltage Mode Field Effect Transistor
More results

Similar Description - P0780ATF

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
P0970VTF NIKOSEM-P0970VTF Datasheet
221Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P1570VTF NIKOSEM-P1570VTF Datasheet
154Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P0770VD NIKOSEM-P0770VD Datasheet
202Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P0865VTF NIKOSEM-P0865VTF Datasheet
204Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P0960VD NIKOSEM-P0960VD Datasheet
294Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P0960VTF NIKOSEM-P0960VTF Datasheet
297Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P1065VD NIKOSEM-P1065VD Datasheet
202Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P2060VTF NIKOSEM-P2060VTF Datasheet
161Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P0480EF NIKOSEM-P0480EF Datasheet
214Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P2260WG NIKOSEM-P2260WG Datasheet
218Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com