Electronic Components Datasheet Search
  English  ▼

X  

NTC0R7D13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NTC0R7D13
Description  Conversion power, switch mode power supply, UPS power protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NTC0R7D13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NTC0R7D13 Datasheet HTML 1Page - List of Unclassifed Manufacturers NTC0R7D13 Datasheet HTML 2Page - List of Unclassifed Manufacturers NTC0R7D13 Datasheet HTML 3Page - List of Unclassifed Manufacturers NTC0R7D13 Datasheet HTML 4Page - List of Unclassifed Manufacturers NTC0R7D13 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NTC THERMISTOR
NTC THERMISTOR
NTC THERMISTOR
NTC THERMISTOR
Http://www.shin-hang.com.tw
1/5
Email: f2223834@ms35.hinet.net
IIIIntroduction:
ntroduction:
ntroduction:
ntroduction:
NTC (Negative temperature coefficient) thermistor is a semiconductor made from
metallic oxides. It exhibits an electrical resistance that has a very predictable change
with temperature. The resistance varies significantly with temperature, more so than in
standard resistors. They are extremely sensitive to temperature change, very accurate
and interchangeable. They have a wide temperature envelope and can be hermetically
sealed for use in humid environments.
Features:
Features:
Features:
Features:
* Longevity of service, high reliability
* Small size, powerful, strong capability of surge current protection
* Instant response to surge current
* Wide operation range
* Big material constant (B value), low remain resistance.
Application:
Application:
Application:
Application:
Thermistors are widely used as
* Inrush current limiters
* Temperature sensors
* Self-resetting overcurrent protectors
* Self regulating heating elements
* Conversion power, switch mode power supply, UPS power protection
* Energy saving lights, electronic ballast filament protection
* Electronic circuit, power supply circuit protection


Similar Part No. - NTC0R7D13

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
NTC0R7D-20 VATRONICS-NTC0R7D-20 Datasheet
144Kb / 5P
NSP POWER TYPE NTC THERMISTORS
NTC0R7D-20 VATRONICS-NTC0R7D-20 Datasheet
144Kb / 5P
NSP POWER TYPE NTC THERMISTORS
More results

Similar Description - NTC0R7D13

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
Switch Mode Power Supply
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com