Electronic Components Datasheet Search
  English  ▼

X  

NTC5D13 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NTC5D13
Description  Conversion power, switch mode power supply, UPS power protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NTC5D13 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NTC5D13 Datasheet HTML 1Page - List of Unclassifed Manufacturers NTC5D13 Datasheet HTML 2Page - List of Unclassifed Manufacturers NTC5D13 Datasheet HTML 3Page - List of Unclassifed Manufacturers NTC5D13 Datasheet HTML 4Page - List of Unclassifed Manufacturers NTC5D13 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTC THERMISTOR
NTC THERMISTOR
NTC THERMISTOR
NTC THERMISTOR
Http://www.shin-hang.com.tw
2/5
Email: f2223834@ms35.hinet.net
Diameter
Φ
D max. L max.
C ± 1
T max. d ± 0.5
5
6.5
31
5
4
0.55
7
8
31
5
4
0.55
8
9
31
5
5
0.7
9
10
31
7.5
5
0.7
10
11
31
7.5
5
0.8
11
12
31
7.5
5
0.8
13
14.5
30
7.5
6
0.8
15
16.4
30
7.5
6
1
20
22
29
7.5/10
7
1
Size (mm)
How to select
How to select
How to select
How to select::::
1. Maximum operating current > Actual operating current in the power loop
2. Rated zero power resistance at 25℃
Of which, E: loop voltage, Im: Surge current
For conversion power, reversion power, switch power, UPS power, Im = 100 times
operating current.
For filament, heater, Im = 30 times operating current.
Marking
Marking
Marking
Marking::::
NTC 5 D - 11
Dimension:
Dimension:
Dimension:
Dimension:
* Size X depends on customer’s requirement.
Max. Chip Diameter: Φ11mm
Diameter
Rated Zero-power Resistance: 5Ω
NTC thermistor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com