Electronic Components Datasheet Search
  English  ▼

X  

STC89C52RC Datasheet(PDF) 110 Page - STCmicro Technology Co,.Ltd

Part # STC89C52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C52RC Datasheet(HTML) 110 Page - STCmicro Technology Co,.Ltd

Back Button STC89C52RC Datasheet HTML 106Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 107Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 108Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 109Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 110Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 111Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 112Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 113Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 114Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 165 page
background image
SCON register
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
FE: Framing Error bit. The SMOD0 bit must be set to enable access to the FE bit
0: The FE bit is not cleared by valid frames but should be cleared by software.
1: This bit set by the receiver when an invalid stop bit id detected.
SM0,SM1 : Serial Port Mode Bit 0/1.
SM0
SM1
Description
Baud rate
0
0
8-bit shift register
SYSclk/12
0
1
8-bit UART
variable
1
0
9-bit UART
SYSclk/64 or SYSclk/32(SMOD=1)
1
1
9-bit UART
variable
SM2 : Enable the automatic address recognition feature in mode 2 and 3. If SM2=1, RI will not be
set unless the received 9th data bit is 1, indicating an address, and the received byte is a
Given or Broadcast address. In mode1, if SM2=1 then RI will not be set unless a valid stop
Bit was received, and the received byte is a Given or Broadcast address. In mode 0, SM2 should be 0.
REN : When set enables serial reception.
TB8 : The 9th data bit which will be transmitted in mode 2 and 3.
RB8 : In mode 2 and 3, the received 9th data bit will go into this bit.
TI : Transmit interrupt flag.
RI : Receive interrupt flag.
SBUF register
LSB
bit
7654321
0
name
It is used as the buffer register in transmission and reception. The serial port buffer register (SBUF) is really two
buffers. Writing to SBUF loads data to be transmitted, and reading SBUF accesses received data. These are two
separate and distinct registers, the transimit write-only register, and the receive read-only register.
PCON: Power Control register
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
SMOD
SMOD0
-
POF
GF1
GF0
PD
IDL
SMOD: double Baud rate control bit.
0 : Disable double Baud rate of the UART.
1 : Enable double Baud rate of the UART in mode 1,2,or 3.
SMOD0: Frame Error select.
0 : SCON.7 is SM0 function.
1 : SCON.7 is FE function. Note that FE will be set after a frame error regardless of the state of SMOD0.
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com