Electronic Components Datasheet Search
  English  ▼

X  

STC89C52RC Datasheet(PDF) 111 Page - STCmicro Technology Co,.Ltd

Part # STC89C52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C52RC Datasheet(HTML) 111 Page - STCmicro Technology Co,.Ltd

Back Button STC89C52RC Datasheet HTML 107Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 108Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 109Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 110Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 111Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 112Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 113Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 114Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 115Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 165 page
background image
IE: Interrupt Enable Rsgister
EA
-
ET2
ES
ET1
EX1
ET0
EX0
(MSB)
(LSB)
Enable Bit = 1 enables the interrupt .
Enable Bit = 0 disables it .
Symbol
Position
Function
EA
IE.7
disables all interrupts. if EA = 0, no interrupt will be acknowledged.if EA = 1, each
interrupt source is individually enabled or disabled by setting or clearing its enable bit.
ES
IE.4
Serial Port interrupt enable bit
IP: Interrupt Priority Low Register
-
-
PT2
PS
PT1
PX1
PT0
PX0
(MSB)
(LSB)
Priority bit = 1 assigns high priority .
Priority bit = 0 assigns low priority.
Symbol
Position
Function
PS
IP.4
Serial Port interrupt priority bit.
IPH: Interrupt Priority High Register
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
PX3H
PX2H
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
PSH : If set, Set priority for serial port highest
SADEN: Slave Address Mask register
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
SADDR: Slave Address register
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
SADDR register is combined with SADEN register to form Given/Broadcast Address for automatic address
recognition. In fact, SADEN function as the "mask" register for SADDR register. The following is the example
for it.
SADDR = 1100 0000
SADEN = 1111 1101
Given = 1100 00x0
The Given slave address will be checked except bit 1 is
treated as "don't care".
The Broadcast Address for each slave is created by taking the logical OR of SADDR and SADEN. Zero in this
result is considered as "don't care" and a Broad cast Address of all " don't care". This disables the automatic
address detection feature.
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com