Electronic Components Datasheet Search
  English  ▼

X  

STC89LE51RC Datasheet(PDF) 101 Page - STCmicro Technology Co,.Ltd

Part # STC89LE51RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC Datasheet(HTML) 101 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 97Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 98Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 99Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 100Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 101Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 102Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 103Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 104Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 105Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 165 page
background image
Timer 2
Interrupt
SYSclk
TF2
control
C/T2=0
C/T2=1
T2 Pin
T2EX Pin
MCU in 12T mode
MCU in 6T mode
TL2
(8 Bits)
RCAP2L
Timer 2 in Capture Mode
÷12
÷6
TR2
TH2
(8 Bits)
RCAP2H
EXF2
Transition
Detector
control
EXEN2
capture
Auto-Reload Mode
In 16-bit auto-reload mode, Timer 2 can be configured to count up or down. The counting direction is determined
by DCEN in special function register T2MOD and T2EX pin. If DCEN=0, counting up. If DCEN=1, the counting
direction is determined by T2EX pin. If T2EX=1, counting up, otherwise counting down.
The following figure shows DCEN=0, which enables Timer 2 to count up automatically. In this mode there are
two options selected by bit EXEN2 in T2CON register. If EXEN2=0, then Timer 2 counts up to 0FFFFH and sets
the TF2 (Overflow Flag) bit upon overflow. This causes the Timer 2 registers to be reloaded with the 16-bit value
in RCAP2L and RCAP2H. The values in RCAP2L and RCAP2H are preset by firmware. If EXEN2=1, then a
16-bit reload can be triggered either by an overflow or by a 1-to-0 transition at input T2EX. This transition also
sets the EXF2 bit. The Timer 2 interrupt, if enabled, can be generated when either TF2 or EXF2 are 1.
Timer 2
Interrupt
SYSclk
TF2
control
C/T2=0
C/T2=1
T2 Pin
T2EX Pin
MCU in 12T mode
MCU in 6T mode
TL2
(8 Bits)
RCAP2L
Timer 2 in Auto-Reload Mode (DCEN=0)
÷12
÷6
TR2
TH2
(8 Bits)
RCAP2H
EXF2
Transition
Detector
control
EXEN2
reload
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com