Electronic Components Datasheet Search
  English  ▼

X  

STC89LE51RC Datasheet(PDF) 103 Page - STCmicro Technology Co,.Ltd

Part # STC89LE51RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC Datasheet(HTML) 103 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 99Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 100Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 101Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 102Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 103Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 104Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 105Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 106Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 107Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 165 page
background image
The Timer 2 as a baud rate generator mode is valid only if RCLK and/or TCLK=1 in T2CON register. Note that
a rollover in TH2 does not set TF2, and will not generate an interrupt. Thus, the Timer 2 interrupt does not have
to be disabled when Timer 2 is in the baud rate generator mode. Also if the EXEN2 (T2 external enable bit) is set,
a 1-to-0 transition in T2EX (Timer/counter 2 trigger input) will set EXF2 (T2 external flag) but will not cause
a reload from (RCAP2H, RCAP2L) to (TH2,TL2). Therefore when Timer 2 is in use as a baud rate generator,
T2EX can be used as an additional external interrupt, if needed.
It should be noted that when Timer 2 is running (TR2=1) in "timer" function in the baud rate generator mode, one
should not try to read or write TH2 and TL2. As a baud rate generator, Timer 2 is incremented at 1/2 the system
clock or asynchronously from pin T2; under these conditions, a read or write of TH2 or TL2 may not be accurate.
The RCAP2 registers may be read, but should not be written to, because a write might overlap a reload and cause
write and/or reload errors. The timer should be turned off (clear TR2) before accessing the Timer 2 or RCAP2
registers.
Timer 2
Interrupt
SYSclk
÷2
control
C/T2=0
C/T2=1
T2 Pin
T2EX Pin
MCU in 12T mode
MCU in 6T mode
TL2
(8 Bits)
RCAP2L
Timer 2 in Baud-Rate Generator Mode
÷12
÷6
TR2
TH2
(8 Bits)
RCAP2H
EXF2
Transition
Detector
control
EXEN2
'0' '1'
'1'
'0'
÷16
÷16
'1'
'0'
Timer 1
Overflow
SMOD
RCLK
RX Clock
TX Clock
TCLK
Reload
The following program is an assembly language code that domestrates Timer 2 of STC89xx series MCU acted as
baud rate generator.
;/*------------------------------------------------------------------------------------------------------------*/
;/* --- STC MCU International Limited ----------------------------------------------------------------*/
;/* --- STC 89xx Series MCU Timer 2 as Baud Rate Generoter Demo ------------------------*/
;/* If you want to use the program or the program referenced in the */
;/* article, please specify in which data and procedures from STC */
;/*--------------------------------------------------------------------------------------------------------------*/
;Declare STC89xx series MCU SFRs
;SFRs associated with Timer 2 and RS232 port
T2CON
EQU
0C8H
TR2
EQU
T2CON.2
;TR2 is the second bit in SFR—T2CON
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com