Electronic Components Datasheet Search
  English  ▼

X  

STC89LE52RC Datasheet(PDF) 146 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 146 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 142Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 143Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 144Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 145Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 146Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 147Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 148Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 149Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 150Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 165 page
background image
The DB directive permits character strings (enclosed in single quotes) longer than two characters as long as they
are not part of an expression. Each character in the string is converted to the corresponding ASCII code. If a label
is used, it is assigned the address of th first byte. For example, the following statements
CSEG AT
0100H
SQUARES:
DB
0, 1, 4, 9, 16, 25
;SQUARES OF NUMBERS 0-5
MESSAGE:
DB
'Login:', 0
;NULL-TERMINATED CHARACTER STRING
When assembled, result in the following hexadecimal memory assignments for external code memory:
Address
Contents
0100
00
0101
01
0102
04
0103
09
0104
10
0105
19
0106
4C
0107
6F
0108
67
0109
69
010A
6E
010B
3A
010C
00
DW (Define Word)
The format for the DW (define word) directive is
[label:]
DW
expression
[, expression] […]
The DW directive is the same as the DB directive except two memory locations (16 bits) are assigned for each
data item. For example, the statements
CSEG
AT
200H
DW
$, 'A', 1234H, 2, 'BC'
result in the following hexadecimal memory assignments:
Address
Contents
0200
02
0201
00
0202
00
0203
41
0204
12
0205
34
0206
00
0207
02
0208
42
0209
43
Program Linkage
Program linkage directives allow the separately assembled modules (files) to communicate by permitting
intermodule references and the naming of modules. In the following discussion, a "module" can be considered a
"file." (In fact, a module may encompass more than one file.)
146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com