Electronic Components Datasheet Search
  English  ▼

X  

STC89LE52RC Datasheet(PDF) 149 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 149 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 145Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 146Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 147Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 148Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 149Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 150Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 151Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 152Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 153Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 165 page
background image
There are two categories of assembler controls: primary and general. Primary controls can be placed in the
invocation line or at the beginnig of the source program. Only other primary controls may precede a primary
control. General controls may be placed anywhere in the source program.
LINKER OPERATION
In developing large application programs, it is common to divide tasks into subprograms or modules containing
sections of code (usually subroutines) that can be written separately from the overall program. The term "modular
programming" refers to this programming strategy. Generally, modules are relocatable, meaning they are not
intended for a specific address in the code or data space. A linking and locating program is needed to combine the
modules into one absolute object module that can be executed.
Intel's RL51 is a typical linker/locator. It processes a series of relocatable object modules as input and creates
an executable machine language program (PROGRAM, perhaps) and a listing file containing a memory map and
symbol table (PROGRAM.M51). This is illustrated in following figure.
FILE3.OBJ
FILE2.OBJ
FILE1.OBJ
RL51
PROGRAM.ABS
PROGRAM.MAP
Linker operation
Legend
Utility program
User file
As relocatable modules are combined, all values for external symbols are resolved with values inserted into
the output file. The linker is invoked from the system prompt by
RL51
input_list
[T0 output_file]
[location_controls]
The input_list is a list of relocatable object modules (files) separated by commas. The output_list is the name
of the output absolute object module. If none is supplied, it defaults to the name of the first input file without any
suffix. The location_controls set start addresses for the named segments.
For example, suppose three modules or files (MAIN.OBJ, MESSAGES.OBJ, and SUBROUTINES.OBJ) are
to be combined into an executable program (EXAMPLE), and that these modules each contain two relocatable
segments, one called EPROM of type CODE, and the other called ONCHIP of type DATA. Suppose further that
the code segment is to be executable at address 4000H and the data segment is to reside starting at address 30H (in
internal RAM). The following linker invocation could be used:
RS51
MAIN.OBJ, MESSAGES.OBJ, SUBROUTINES.OBJ TO EXAMPLE & CODE
(EPROM (4000H) DATA (ONCHIP (30H))
Note that the ampersand character "&" is used as the line continuaton character.
If the program begins at the label START, and this is the first instruction in the MAIN module, then
execution begins at address 4000H. If the MAIN module was not linked first, or if the label START is not at the
beginning of MAIN, then the program's entry point can be determined by examining the symbol table in the
listing file EXAMPLE.M51 created by RL51. By default, EXAMPLE.M51 will contain only the link map. If
a symbol table is desired, then each source program must have used the SDEBUG control. The following table
shows the assembler controls supported by ASM51.
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com