Electronic Components Datasheet Search
  English  ▼

X  

ETA3410 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3410
Description  3MHz 2A High 흯 Step-Down Converter in DFN2x2-8L Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3410 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA3410 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA3410
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
3MHz 2A High ŋ Step-Down Converter in DFN2x2-8L Package
DESCRIPTION
The ETA3410 is a high-efficiency, DC-to-DC step-down
switching regulator, capable of delivering up to 2A of
output current. The devices operate from an input voltage
range of 2.6V to 5.5V and provide output voltages from
0.6V to VIN, making the ETA3410 ideal for low voltage power
conversions. Running at a fixed frequency of 3MHz allows
the use of small inductance value and low DCR inductors,
thereby achieving higher efficiencies. Other external
components, such as ceramic input and output caps, can
also be small due to higher switching frequency, while
maintaining exceptional low noise output voltages. Built-in
EMI reduction circuitry makes this converter ideal power
supply for RF applications. Internal soft-start control
circuitry reduces inrush current. Short-circuit and
thermal-overload protection improves design reliability.
ETA3410 is housed in a tiny DFN2x2-8L package
FEATURES
ŋ up to 96%
Up to 2A Max Output Current
3MHz Frequency
Internal Compensation
Clock Dithering
Tiny DFN2x2-8L Package
APPLICATIONS
USB ports/Hubs
Hot Swaps
Cellphones
Tablet PC
Set Top Boxes
ORDERING INFORMATION
PART
PACKAGE PIN
TOP MARK
ETA3410D2I
DFN2x2-8
CEYW
Date Code
Product Number
TYPICAL APPLICATION
AGND
FB
PVIN
SW
VOUT
1.8V/2A
VIN 2.6V to 5.5V
120k
60k
1.8V/2A 3MHz Step-Down Converter
AVIN
EN
MODE
PGND
10μF
1μH
10μF
1
3
2
8
7
5
6
4
22pF
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
IOUT (mA)
Efficiency Vs IOUT
Vin=4V
Vin=4.2V
Vin=5V
Mode=0
VOUT=3.3V


Similar Part No. - ETA3410

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA3411 ETA-ETA3411 Datasheet
217Kb / 1P
3MHz, Output Adjustable, 2A Synchronous Buck Converter for RF Power Amplifiers
More results

Similar Description - ETA3410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
3-MHz 2A Step Down Converter in 2x2 SON Package
logo
Richtek Technology Corp...
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
3MHz 1A Step-Down Converter
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
3MHz 1A Step-Down Converter
logo
Texas Instruments
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
3-MHz 2A Step Down Converter in 2x2 SON Package
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
3MHz 2A Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA3409 ETA-ETA3409 Datasheet
365Kb / 1P
3MHz 1.5A/2A High 흯 Step-Down Converter in SOT23-5 Package
ETA3560 ETA-ETA3560 Datasheet
217Kb / 1P
1A, 1.5MHz Step-Down Converter in DFN2X2-6 Package
logo
Microsemi Corporation
LX7167 MICROSEMI-LX7167 Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com