Electronic Components Datasheet Search
  English  ▼

X  

STM32F030R8 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F030R8
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030R8 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F030R8 Datasheet HTML 6Page - STMicroelectronics STM32F030R8 Datasheet HTML 7Page - STMicroelectronics STM32F030R8 Datasheet HTML 8Page - STMicroelectronics STM32F030R8 Datasheet HTML 9Page - STMicroelectronics STM32F030R8 Datasheet HTML 10Page - STMicroelectronics STM32F030R8 Datasheet HTML 11Page - STMicroelectronics STM32F030R8 Datasheet HTML 12Page - STMicroelectronics STM32F030R8 Datasheet HTML 13Page - STMicroelectronics STM32F030R8 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
Description
STM32F030x4/x6/x8/xC
10/93
DS9773 Rev 4
Table 2. STM32F030x4/x6/x8/xC family device features and peripheral counts
Peripheral
STM32
F030F4
STM32
F030K6
STM32
F030C6
STM32
F030C8
STM32
F030CC
STM32
F030R8
STM32
F030RC
Flash (Kbytes)
16
32
32
64
256
64
256
SRAM (Kbytes)
4
8
32
8
32
Timers
Advanced
control
1 (16-bit)
General
purpose
4 (16-bit)(1)
5 (16-bit)
Basic
-
1 (16-bit)(2)
2 (16-bit)
1 (16-bit)(2)
2 (16-bit)
Comm.
interfaces
SPI
1(3)
2
I2C1(4)
2
USART
1(5)
2(6)
62(6)
6
12-bit ADC
(number of channels)
1
(9 ext.
+2 int.)
1
(10 ext.
+2 int.)
1
(10 ext.
+2 int.)
1
(10 ext.
+2 int.)
1
(10 ext.
+2 int.)
1
(16 ext.
+2 int.)
1
(16 ext.
+2 int.)
GPIOs
15
26
39
393755
51
Max. CPU frequency
48 MHz
Operating voltage
2.4 to 3.6 V
Operating temperature
Ambient operating temperature: -40°C to 85°C
Junction temperature: -40°C to 105°C
Packages
TSSOP20
LQFP32
LQFP48
LQFP64
1. TIM15 is not present.
2. TIM7 is not present.
3. SPI2 is not present.
4. I2C2 is not present.
5. USART2 to USART6 are not present.
6. USART3 to USART6 are not present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com