Electronic Components Datasheet Search
  English  ▼

X  

LTM230HT01 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # LTM230HT01
Description  SAMSUNG TFT-LCD PRODUCT INFORMATION
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LTM230HT01 Datasheet(HTML) 3 Page - Samsung semiconductor

  LTM230HT01 Datasheet HTML 1Page - Samsung semiconductor LTM230HT01 Datasheet HTML 2Page - Samsung semiconductor LTM230HT01 Datasheet HTML 3Page - Samsung semiconductor LTM230HT01 Datasheet HTML 4Page - Samsung semiconductor LTM230HT01 Datasheet HTML 5Page - Samsung semiconductor LTM230HT01 Datasheet HTML 6Page - Samsung semiconductor LTM230HT01 Datasheet HTML 7Page - Samsung semiconductor LTM230HT01 Datasheet HTML 8Page - Samsung semiconductor LTM230HT01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3/35
Page
LTM230HT01
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
Workstation & desktop monitors
Display terminals for AV application products
Monitors for industrial machine
* If the module is used to other applications besides the above, please contact SEC
in advance.
Features
General Description
Description
Applications
General Information
High contrast ratio, high aperture structure
TN (Twisted Nematic) mode
Wide Viewing Angle
High speed response
FHD (1920 x 1080 pixels) resolution
Low power consumption
DE (Data Enable) only mode
LVDS (Low Voltage Differential Signaling) interface (2pixel/clock)
Compact Size Design
RoHS, TCO 03’ compliance
TBD
Power Consumption
mm
0.2655(H) x 0.2655(W)
Pixel Pitch
mm
509.76(H) x 286.74(V)
Active Display Area
Note
Haze 25% , Hard coating (3H)
Surface Treatment
cd/㎡
300(Typ.)
Luminance of White
Normally White
Display Mode
RGB vertical stripe
Pixel Arrangement
pixel
1,920 x 1,080
Number of Pixels
colors
16.7M (Hi-FRC)
Display Colors
Unit
Specification
Items
LTM230HT01 is a color active matrix liquid crystal display (LCD) that uses amorphous
silicon TFT (Thin Film Transistor) as switching components. This model is composed of
a TFT LCD panel, a driver circuit and a back light unit. The resolution of a 23” is 1920 x
1080 and this model can display up to 16.7 millions colors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com