Electronic Components Datasheet Search
  English  ▼

X  

OV5642 Datasheet(PDF) 25 Page - OmniVision Technologies, Inc.

Part # OV5642
Description  PRELIMINARY SPECIFICATION
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV5642 Datasheet(HTML) 25 Page - OmniVision Technologies, Inc.

Back Button OV5642 Datasheet HTML 21Page - OmniVision Technologies, Inc. OV5642 Datasheet HTML 22Page - OmniVision Technologies, Inc. OV5642 Datasheet HTML 23Page - OmniVision Technologies, Inc. OV5642 Datasheet HTML 24Page - OmniVision Technologies, Inc. OV5642 Datasheet HTML 25Page - OmniVision Technologies, Inc. OV5642 Datasheet HTML 26Page - OmniVision Technologies, Inc. OV5642 Datasheet HTML 27Page - OmniVision Technologies, Inc. OV5642 Datasheet HTML 28Page - OmniVision Technologies, Inc. OV5642 Datasheet HTML 29Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 208 page
background image
01.08.2009
PRELIMINARY SPECIFICATION
proprietary to OmniVision Technologies
2-5
HREF input value
0x3041
R
Bit[5]:
HREF input value
PCLK I/O control
0x3017
RW
Bit[4]:
input/output control for the PCLK pin:
0:
input
1:
output
PCLK output select
0x301D
RW
Bit[4]:
output selection for the PCLK pin:
0:
normal data path
1:
register-controlled value
PCLK output value
0x301A
RW
Bit[4]:
PCLK output value
PCLK input value
0x3041
R
Bit[4]:
PCLK input value
STROBE I/O control
0x3016
RW
Bit[1]:
input/output control for the STROBE pin:
0:
input
1:
output
STROBE output select
0x301C
RW
Bit[1]:
output selection for the STROBE pin:
0:
normal data path
1:
register-controlled value
STROBE output value
0x3019
RW
Bit[1]:
STROBE output value
STROBE input value
0x3040
R
Bit[5]:
STROBE input value
FREX I/O control
0x3017
RW
Bit[7]:
input/output control for the FREX pin:
0:
input
1:
output
This port can be used for frame exposure/mechanical
shutter
FREX output select
0x301D
RW
Bit[7]:
output selection for the FREX pin:
0:
normal data path
1:
register-controlled value
FREX output value
0x301A
RW
Bit[7]:
FREX output value
FREX input value
0x3040
R
Bit[4]:
FREX input value
GPIO I/O control
0x3018
RW
Bit[1:0]:
input/output control for the GPIO[1:0] pin:
0:
input
1:
output
GPIO1 can used as AFC port1 and ND filter
GPIO0 can used as AFC port1 and IRIS
GPIO output select
0x301E
RW
Bit[1:0]:
output selection for the GPIO[1:0] pin:
0:
normal data path
1:
register-controlled value
GPIO output value
0x301B
RW
Bit[1:0]:
GPIO[1:0] output value
GPIO input value
0x3042
R
Bit[1:0]:
GPIO[1:0] input value
table 2-1
driving capability and direction control for I/O pads (sheet 2 of 2)
function
register
R/W
description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com