Electronic Components Datasheet Search
  English  ▼

X  

SY8003ADFC Datasheet(PDF) 10 Page - Silergy Corp.

Part # SY8003ADFC
Description  High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.

SY8003ADFC Datasheet(HTML) 10 Page - Silergy Corp.

Back Button SY8003ADFC Datasheet HTML 2Page - Silergy Corp. SY8003ADFC Datasheet HTML 3Page - Silergy Corp. SY8003ADFC Datasheet HTML 4Page - Silergy Corp. SY8003ADFC Datasheet HTML 5Page - Silergy Corp. SY8003ADFC Datasheet HTML 6Page - Silergy Corp. SY8003ADFC Datasheet HTML 7Page - Silergy Corp. SY8003ADFC Datasheet HTML 8Page - Silergy Corp. SY8003ADFC Datasheet HTML 9Page - Silergy Corp. SY8003ADFC Datasheet HTML 10Page - Silergy Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SY8003/SY8003A
Taping & Reel Specification
1. DFN2x2
3.9/4.1
1.45/1.55
Feeding direction
2. Carrier Tape & Reel specification for packages
Reel
Width
Reel
Size
Package
Tape width
Pocket
Reel size
Reel
Trailer
Leader length
Qty per
types
(mm)
pitch(mm)
(Inch)
width(mm)
length(mm)
(mm)
reel
DFN2x2
8
4
7"
8.4
400
160
3000
3. Others: NA
AN_SY8003/A Rev. 0.9Silergy Corp. Confidential- Prepared for Customer Use Only
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com