Electronic Components Datasheet Search
  English  ▼

X  

ATR7035 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR7035
Description  ATR7035 ATR7035
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR7035 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR7035 Datasheet HTML 1Page - ATMEL Corporation ATR7035 Datasheet HTML 2Page - ATMEL Corporation ATR7035 Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
• Frequency Range 5 GHz to 6 GHz
• P
OUT Maximum 28 dBm
• Gain Typically 19 dB
• V
CC 3.0 V to 3.9 V
• Package: QFN16
• Current Consumption in Power Down Mode Typically
≤15 µA
Benefits
• Biasing Control Extends Battery Life Time
• Simple Input and Output Matching
• One Single Supply Voltage Required
Electrostatic sensitive device.
Observe precautions for handling.
Description
Process
The 5-GHz power amplifier is designed using Atmel’s Silicon-Germanium (SiGe) pro-
cess and provides excellent noise performance as well as good power-added
efficiency.
Circuitry
The PA consists of a 2-stage amplifier with a maximum output power of 28 dBm. The
output stages were realized using an open-collector structure. The IC features 50-
Ω
input matching. Power-up/down and output level are controlled at bias control pin 6
(V
CTL).
Figure 1. Block Diagram
Matching
Bias control
RFIN
3
RFOUT
11
6
VCTL
16
VCC_CTL
VCC1
15
VCC2
13
ATR7035
RFOUT
10
5.8-GHz WDCT
Power Amplifier
ATR7035
Summary
Preliminary
Note: This is a summary document. A complete document
is available under NDA. For more information, please con-
tact your local Atmel sales office.
Rev. 4577DS–DECT–11/04


Similar Part No. - ATR7035

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR7035-PEQG ATMEL-ATR7035-PEQG Datasheet
178Kb / 3P
5.8 GHz WDCT Power Amplifier
ATR7035-PESG ATMEL-ATR7035-PESG Datasheet
178Kb / 3P
5.8 GHz WDCT Power Amplifier
ATR7035 ATMEL-ATR7035_05 Datasheet
178Kb / 3P
5.8 GHz WDCT Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com