Electronic Components Datasheet Search
  English  ▼

X  

OZ532 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # OZ532
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OZ532 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button OZ532 Datasheet HTML 29Page - List of Unclassifed Manufacturers OZ532 Datasheet HTML 30Page - List of Unclassifed Manufacturers OZ532 Datasheet HTML 31Page - List of Unclassifed Manufacturers OZ532 Datasheet HTML 32Page - List of Unclassifed Manufacturers OZ532 Datasheet HTML 33Page - List of Unclassifed Manufacturers OZ532 Datasheet HTML 34Page - List of Unclassifed Manufacturers OZ532 Datasheet HTML 35Page - List of Unclassifed Manufacturers OZ532 Datasheet HTML 36Page - List of Unclassifed Manufacturers OZ532 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
33
OZ9956E
FEATURES
• Highly integrated LED driver controller
• 2.5V – 33V input voltage range
• Drives up to 6 strings of LEDs in parallel
• Up to 30mA current per string
• Built-in LED current balance control circuit
• Integrated power MOSFET
• Built-in 20kHz PWM dimming control eliminates audible noise
• Supports external PWM dimming control
• 100:1 dimming ratio at 20kHz PWM frequency
• Protection: over-voltage, over-current, thermal, and open rectifier diode
GENERAL DESCRIPTION
The OZ9956E is a highly efficient, integrated LED driver controller designed for
middle power LCD backlight applications. Featuring a very wide operational
input voltage range, it works as a universal solution for applications powered by
one or multiple Li-Ion battery cells or those directly powered by an adapter.
It provides six (6) LED current sense inputs in an “OR” configuration for im-
proved backlight reliability. This allows the backlight to remain functional in the
event that any string (s) is damaged during normal operation.
OZ9956E accepts external Pulse Width Modulation (PWM) dimming signals to
perform either directly controlled external or fixed 20kHz internal dimming func-
tion.
APPLICATIONS
APPLICATION DIAGRAM
• Notebook/Netbook
Computer
U.S. Patent #’s 7,498,793; 7,847,783; and more patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com