Electronic Components Datasheet Search
  English  ▼

X  

SY320 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SY320
Description  CARTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SY320 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SY320 Datasheet HTML 1Page - List of Unclassifed Manufacturers SY320 Datasheet HTML 2Page - List of Unclassifed Manufacturers SY320 Datasheet HTML 3Page - List of Unclassifed Manufacturers SY320 Datasheet HTML 4Page - List of Unclassifed Manufacturers SY320 Datasheet HTML 5Page - List of Unclassifed Manufacturers SY320 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Quick-FDS [16279-46736-29786-010419] - 2012-07-26 - 12:58:56
Safety Data Sheet
Product name :
Page : 2/6
CARTER SY 320
SDS n° :30693-44
Version :1.00
Version of :2004-10-07
This sheet supersedes the one dated :2004-07-27
4. FIRST AID MEASURES
IN CASE OF SERIOUS OR PERSISTENT CONDITIONS, CALL A DOCTOR OR EMERGENCY MEDICAL CARE.
Inhalation :
Inhalation of heavy concentrations of vapour, fumes or spray, may cause mild
irritation of the throat.
Remove victim to fresh air and allow to rest.
Ingestion :
Give nothing to drink
Do not induce vomiting to avoid the risk of aspiration into the respiratory tract.
Possible risk of vomiting and diarrhoea.
Skin contact :
Immediately remove all soiled or stained clothing.
Wash the affected area immediately and repeatedly with soap and water.
Eye contact :
Keep eyes open and rinse immediately and repeatedly with water for at least 15
minutes.
Aspiration :
If the product is believed to have entered the lungs (in case of vomiting, for
example), take the person to hospital for immediate care.
5. FIRE FIGHTING MEASURES
See heading 9
Extinguishing media :
- suitable:
Foam, carbon dioxide (CO2), powder.
- not recommended:
do not use water jets (stick jets) for extinguishing fire since they could help to
spread the flames.
Specific hazards :
Incomplete combustion and thermolysis produce gases of varying toxicity such as
CO, CO2, various hydrocarbons, SULPHUR OXIDES, aldehydes, etc., and soot.
These are highly dangerous if inhaled.
Vapours can build explosive mixtures with air.
Vapours are heavier than air and may spread on the ground to sources of ignition.
Protective measures for firefighters :
Insulated breathing apparatus must be worn in confined premises with heavy
concentrations of fumes and gases.
Other :
All combustion residues and contaminated water from fire-fighting should be
disposed of according to local regulations.
6. ACCIDENTAL RELEASE MEASURES
See sections 8 and 13.
Personal protection :
Ensure good ventilation.
Remove sources of ignition. Do not smoke.
After spillage / leakage :
- On the soil:
Surfaces on which the product has been spilled may become slippery. Do not allow
the product to enter sewers or rivers or contaminate the soil. Recover with
mechanical means such as pumps and skimmers. Contain and collect the spilled
product with sand or any other inert absorbant material.
- On water:
Floating absorbant material, then mechanical recovery. If the product has penetrated
into a river or a sewer, notify the authorities.
7. HANDLING AND STORAGE
HANDLING :



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com