Electronic Components Datasheet Search
  English  ▼

X  

23HS Datasheet(PDF) 1 Page - MotionKing Motor Industry Co.,Ltd.

Part # 23HS
Description  2 Phase Hybrid Stepper Motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

23HS Datasheet(HTML) 1 Page - MotionKing Motor Industry Co.,Ltd.

  23HS Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 23HS Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HB Stepper Motor Catalog
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1106, Rev.04
12
2 Phase Hybrid Stepper Motor
23HS series-Size 57mm(1.8 degree)
Wiring Diagram:
UNI-POLAR(6 LEADS)
BI-POLAR(4LEADS)
Electrical Specifications:
Series
Model
Step
Angle
(deg)
Motor
Length
(mm)
Rated
Current
(A)
Phase
Resistance
(ohm)
Phase
Inductance
(mH)
Holding
Torque
(N.cm Min)
Detent
Torque
(N.cm Max)
Rotor
Inertia
(g.cm²)
Lead
Wire
(No.)
Motor
Weight
(g)
23HS0601
1.8
41
1.0
5.2
5.5
40
2.5
150
6
470
23HS0405
1.8
41
0.62
12
24
55
2.5
150
4
470
23HS0408
1.8
41
2.0
1.2
2.5
55
2.5
150
4
470
23HS4412
1.8
45
0.62
12
26
80
2.8
190
4
520
23HS4425
1.8
45
2.5
1.0
2.2
80
2.8
190
4
520
23HS5406
1.8
51
0.62
13
28
90
2.8
190
4
520
23HS5425
1.8
51
2.5
1.2
3.2
90
2.8
190
4
520
23HS5602
1.8
51
0.8
6.8
9.2
63
3.0
230
6
590
23HS6602
1.8
56
1.5
3.2
5.5
90
3.5
280
6
590
23HS6403
1.8
56
2.5
1.3
3.6
110
3.5
280
4
680
23HS6430
1.8
56
3.0
0.8
2.4
110
3.5
280
4
680
23HS6404
1.8
56
4.2
0.4
1.2
110
3.5
280
4
680
23HS7401
1.8
64
1.0
7.5
20
150
5.0
380
4
850
23HS7425
1.8
64
2.5
1.5
4.5
150
5.0
380
4
850
23HS7430
1.8
64
3.0
0.8
2.3
150
5.0
380
4
850
23HS7404
1.8
64
4.2
0.55
1.2
150
5.0
380
4
850
23HS8603
1.8
76
1.5
4.5
10
140
6.0
440
6
1050
23HS8425
1.8
76
2.5
1.8
6.5
180
6.0
440
4
1050
23HS8430
1.8
76
3.0
1.0
3.5
180
6.0
440
4
1050
23HS8404
1.8
76
4.2
0.6
1.8
180
6.0
440
4
1050
23HS1430
1.8
100
3.0
1.4
5.5
250
10
680
4
1250
23HS1410
1.8
100
4.2
0.8
3.0
250
10
680
4
1250
23HS2430
1.8
112
3.0
1.6
6.8
280
12
800
4
1400
23HS2410
1.8
112
4.2
0.9
3.8
280
12
800
4
1400
*Note: We can manufacture products according to customer's requirements.


Similar Part No. - 23HS

ManufacturerPart #DatasheetDescription
logo
Mclennan Servo Supplie...
23HS-030 MCLENNAN-23HS-030 Datasheet
181Kb / 4P
17 & 23 frame size hybrid stepper motors
23HS-104 MCLENNAN-23HS-104 Datasheet
181Kb / 4P
17 & 23 frame size hybrid stepper motors
23HS-108 MCLENNAN-23HS-108  Datasheet
181Kb / 4P
17 & 23 frame size hybrid stepper motors
23HS-202 MCLENNAN-23HS-202 Datasheet
181Kb / 4P
17 & 23 frame size hybrid stepper motors
23HS-304 MCLENNAN-23HS-304 Datasheet
181Kb / 4P
17 & 23 frame size hybrid stepper motors
More results

Similar Description - 23HS

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
8H2A MOTIONKING-8H2A Datasheet
114Kb / 1P
2 Phase Hybrid Stepper Motor
14H2K MOTIONKING-14H2K Datasheet
78Kb / 1P
2 Phase Hybrid Stepper Motor
14H2R MOTIONKING-14H2R Datasheet
64Kb / 1P
2 Phase Hybrid Stepper Motor
16H2A MOTIONKING-16H2A Datasheet
88Kb / 1P
2 Phase Hybrid Stepper Motor
16H2M MOTIONKING-16H2M Datasheet
83Kb / 1P
2 Phase Hybrid Stepper Motor
17H2K MOTIONKING-17H2K Datasheet
85Kb / 1P
2 Phase Hybrid Stepper Motor
23H2M MOTIONKING-23H2M Datasheet
90Kb / 2P
2 Phase Hybrid Stepper Motor
24H2A MOTIONKING-24H2A Datasheet
87Kb / 1P
2 Phase Hybrid Stepper Motor
34H2B MOTIONKING-34H2B Datasheet
89Kb / 1P
2 Phase Hybrid Stepper Motor
43H2A MOTIONKING-43H2A Datasheet
117Kb / 1P
2 Phase Hybrid Stepper Motor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com