Electronic Components Datasheet Search
  English  ▼

X  

XC75 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # XC75
Description  Automatic Battery Charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XC75 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button XC75 Datasheet HTML 4Page - List of Unclassifed Manufacturers XC75 Datasheet HTML 5Page - List of Unclassifed Manufacturers XC75 Datasheet HTML 6Page - List of Unclassifed Manufacturers XC75 Datasheet HTML 7Page - List of Unclassifed Manufacturers XC75 Datasheet HTML 8Page - List of Unclassifed Manufacturers XC75 Datasheet HTML 9Page - List of Unclassifed Manufacturers XC75 Datasheet HTML 10Page - List of Unclassifed Manufacturers XC75 Datasheet HTML 11Page - List of Unclassifed Manufacturers XC75 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
• 8 •
TROUBLESHOOTING AND ERROR CODES
Error Codes
ERROR
CODE
DESCRIPTION
REASON/SOLUTION
F01
The battery voltage is
still under 10V (for a 12V
battery) or 5V (for a 6V
battery) after 2 hours of
charging.
The battery could be bad. Have it checked or
replaced.
F02
The charger cannot
desulfate the battery.
The battery could not be desulfated; have it
checked or replaced.
F03
The battery was unable
to reach the “full charge”
voltage.
May be caused by trying to charge a large
battery or bank of batteries on too low of a
current setting. Try again with a higher current
setting or have the battery checked or replaced.
F04
The connections to the
battery are reversed.
The battery is connected backwards. Unplug
the charger and reverse the connections to the
battery.
F05
The charger was unable
to keep the battery fully
charged in maintain mode.
The battery won’t hold a charge. May be
caused by a drain on the battery or the battery
could be bad. Make sure there are no loads
on the battery. If there are remove them. If
there are none, have the battery checked or
replaced.
F06
The charger detected that
the battery may be getting
too hot (thermal runaway).
The charger automatically shuts the current off
if it detects the battery may be getting too hot.
Have the battery checked or replaced.
If you get an error code, check the connections and settings and/or replace the battery.
Troubleshooting
PROBLEM
POSSIBLE CAUSE
SOLUTION
The battery is connected
and the charger is on, but
isn’t charging.
The charger is in tester mode,
not charger mode.
Clamps are not making a
good connection.
Press the BATTERY TYPE
button to activate charging
and select a charge rate.
Check for poor connection at
battery and frame. Make sure
connecting points are clean.
Rock clamps back and forth
for a better connection.
Indicator lights are lit in an
erratic manner, not explained
in this manual.
You might have accidentally
activated a special diagnostic
mode.
Make sure nothing is touching
the control panel, then unplug
the charger and plug it in again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com