| Electronic Components Datasheet Search |
|
XC103 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
XC103 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 21 page ![]() • 8 • TROUBLESHOOTING AND ERROR CODES Error Codes ERROR CODE DESCRIPTION REASON/SOLUTION F01 The battery voltage is still under 10V (for a 12V battery) or 5V (for a 6V battery) after 2 hours of charging. The battery could be bad. Have it checked or replaced. F02 The charger cannot desulfate the battery. The battery could not be desulfated; have it checked or replaced. F03 The battery was unable to reach the “full charge” voltage. May be caused by trying to charge a large battery or bank of batteries on too low of a current setting. Try again with a higher current setting or have the battery checked or replaced. F04 The connections to the battery are reversed. The battery is connected backwards. Unplug the charger and reverse the connections to the battery. F05 The charger was unable to keep the battery fully charged in maintain mode. The battery won’t hold a charge. May be caused by a drain on the battery or the battery could be bad. Make sure there are no loads on the battery. If there are remove them. If there are none, have the battery checked or replaced. F06 The charger detected that the battery may be getting too hot (thermal runaway). The charger automatically shuts the current off if it detects the battery may be getting too hot. Have the battery checked or replaced. If you get an error code, check the connections and settings and/or replace the battery. Troubleshooting PROBLEM POSSIBLE CAUSE SOLUTION The battery is connected and the charger is on, but isn’t charging. The charger is in tester mode, not charger mode. Clamps are not making a good connection. Press the BATTERY TYPE button to activate charging and select a charge rate. Check for poor connection at battery and frame. Make sure connecting points are clean. Rock clamps back and forth for a better connection. Indicator lights are lit in an erratic manner, not explained in this manual. You might have accidentally activated a special diagnostic mode. Make sure nothing is touching the control panel, then unplug the charger and plug it in again. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |