Electronic Components Datasheet Search
  English  ▼

X  

LP156WH3-TLA2 Datasheet(PDF) 23 Page - LG Semicon Co.,Ltd.

Part # LP156WH3-TLA2
Description  15.6 HD TFT LCD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WH3-TLA2 Datasheet(HTML) 23 Page - LG Semicon Co.,Ltd.

Back Button LP156WH3-TLA2 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP156WH3-TLA2 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP156WH3-TLA2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP156WH3-TLA2 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP156WH3-TLA2 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP156WH3-TLA2 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP156WH3-TLA2 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP156WH3-TLA2 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP156WH3-TLA2 Datasheet HTML 26Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Product Specification
23 / 26
LP156WH3
Liquid Crystal Display
Ver. 0.0
May 26, 2009
Since a module is composed of electronic circuits, it is not strong to electrostatic discharge. Make certain that
treatment persons are connected to ground through wrist band etc. And don’t touch interface pin directly.
9-3. ELECTROSTATIC DISCHARGE CONTROL
Strong light exposure causes degradation of polarizer and color filter.
9-4. PRECAUTIONS FOR STRONG LIGHT EXPOSURE
9-5. STORAGE
(1) When the protection film is peeled off, static electricity is generated between the film and polarizer.
This should be peeled off slowly and carefully by people who are electrically grounded and with well
ion-blown equipment or in such a condition, etc.
(2) The protection film is attached to the polarizer with a small amount of glue. If some stress is applied
to rub the protection film against the polarizer during the time you peel off the film, the glue is apt to
remain on the polarizer.
Please carefully peel off the protection film without rubbing it against the polarizer.
(3) When the module with protection film attached is stored for a long time, sometimes there remains a
very small amount of glue still on the polarizer after the protection film is peeled off.
(4) You can remove the glue easily. When the glue remains on the polarizer surface or its vestige is
recognized, please wipe them off with absorbent cotton waste or other soft material like chamois
soaked with normal-hexane.
9-6. HANDLING PRECAUTIONS FOR PROTECTION FILM
When storing modules as spares for a long time, the following precautions are necessary.
(1) Store them in a dark place. Do not expose the module to sunlight or fluorescent light. Keep the
temperature between 5
°C and 35°C at normal humidity.
(2) The polarizer surface should not come in contact with any other object.
It is recommended that they be stored in the container in which they were shipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com