Electronic Components Datasheet Search
  English  ▼

X  

P3055LD Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P3055LD
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P3055LD Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  P3055LD Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P3055LD Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P3055LD Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P3055LD Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
DEC-01-2001
N-Channel Logic Level Enhancement
Mode Field Effect Transistor
P3055LD
TO-252 (DPAK)
NIKO-SEM
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Gate-Source Voltage
VGS
±20
V
TC = 25 °C
12
Continuous Drain Current
TC = 100 °C
ID
8
Pulsed Drain Current
1
IDM
45
A
Avalanche Energy
L = 0.1mH
EAS
60
Repetitive Avalanche Energy
2
L = 0.05mH
EAR
3
mJ
TC = 25 °C
48
Power Dissipation
TC = 100 °C
PD
20
W
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
Lead Temperature (
1/
16” from case for 10 sec.)
TL
275
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Case
RθJC
3
Junction-to-Ambient
RθJA
75
Case-to-Heatsink
RθCS
1
°C / W
1Pulse width limited by maximum junction temperature.
2Duty cycle ≤ 1%
ELECTRICAL CHARACTERISTICS (TC = 25 °C, Unless Otherwise Noted)
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX
UNIT
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250µA
25
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
0.8
1.2
2.5
V
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±250 nA
VDS = 20V, VGS = 0V
25
Zero Gate Voltage Drain Current
IDSS
VDS = 20V, VGS = 0V, TJ = 125 °C
250
µA
1. GATE
2. DRAIN
3. SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
25
50mΩ
12A
G
D
S


Similar Part No. - P3055LD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P3055LD ETC2-P3055LD Datasheet
141Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3055LDG ETC2-P3055LDG Datasheet
141Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
P3055LDG VBSEMI-P3055LDG Datasheet
1,015Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Wuxi U-NIKC Semiconduct...
P3055LDG UNIKC-P3055LDG Datasheet
368Kb / 4P
N-Channel Logic Level Enhancement Mode MOSFET
REV 1.0 2014/5/19
More results

Similar Description - P3055LD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P1402CDG ETC2-P1402CDG Datasheet
265Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P5506BVG ETC2-P5506BVG Datasheet
292Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3057LCG ETC2-P3057LCG Datasheet
206Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com