Electronic Components Datasheet Search
  English  ▼

X  

SCK20180 Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK20180
Description  Power Thermistor for Limiting Inrush Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK20180 Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  SCK20180 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd SCK20180 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd SCK20180 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK20180 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK20180 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK20180 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK20180 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK20180 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK20180 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
NTC Thermistor:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
12
www.thinking.com.tw
2018.05
All specifications are subject to change without notice.
Electrical Characteristics
Note 1: □ = Tolerance of R25
Note 2: Special specifications are available upon request.
Part No.
Zero Power
Resistance
at 25°C
Max.
Current
at 25℃
Residual
Resistance
at 25℃ Imax
Recommend
Capacitance
@240Vac
Max.
Power Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
R25(Ω)
Imax(A)
RImax(Ω)
Cth(F)
Pmax(W)
δ(mW/°C)
τ(Sec.)
TL~TU(°C)
SCK13013
1
3
0.174
560
3.1
Approx.
18
Approx.
66
-40 ~ +200
SCK131R37
1.3
7
0.070
470
SCK132R56
2.5
6
0.094
560
SCK13045
4
5
0.132
560
SCK134R74
4.7
4
0.168
560
SCK13055
5
5
0.166
560
SCK13074
7
4
0.184
470
SCK13084
8
4
0.206
470
SCK13104
10
4
0.217
470
SCK13124
12
4
0.230
560
SCK13153
15
3
0.343
560
SCK13163
16
3
0.348
560
SCK13183
18
3
0.365
560
SCK13203
20
3
0.410
470
SCK150R78A
0.7
8
0.051
680
3.6
Approx.
21
Approx.
75
-40 ~ +200
SCK15018
1
8
0.054
680
SCK151R38
1.3
8
0.064
680
SCK151R58
1.5
8
0.068
800
SCK15028
2
8
0.078
680
SCK152R58
2.5
8
0.086
680
SCK15037
3
7
0.091
820
SCK15046
4
6
0.117
800
SCK15056
5
6
0.121
820
SCK15065
6
5
0.159
680
SCK15075
7
5
0.161
820
SCK15085
8
5
0.165
680
SCK15105
10
5
0.178
820
SCK15125
12
5
0.185
680
SCK15154
15
4
0.261
820
SCK15164
16
4
0.265
820
SCK15184
18
4
0.273
680
SCK15204
20
4
0.283
820
SCK15224
22
4
0.308
560
SCK15253
25
3
0.425
680
SCK15303
30
3
0.461
680
SCK15333
33
3
0.484
560
SCK15403
40
3
0.511
680
SCK15473
47
3
0.517
680
SCK15802X
80
2.5
0.693
560
SCK151202
120
2
1.010
560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com