Electronic Components Datasheet Search
  English  ▼

X  

SM2000 Datasheet(PDF) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # SM2000
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

SM2000 Datasheet(HTML) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

  SM2000 Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. SM2000 Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
●
●
●
●
●
●
●
●
●
●
Green molding compound as per IEC61249 Std
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
VF
V
CJ
pF
TJ
℃
TSTG
Note: (1).Measured at 1.0MHz and applied reverse voltage of 4.0VDC
A
uA
SM2000
Maximum average forward rectified current
1.15
Maximum leakage current T =25℃
2000
1.0
5
50
2000
1400
FEATURES
Low Forward Voltage Drop
Low Leakage
Glass Passivated chip
High Current Capability
High Surge Current Capability
MECHANICAL DATA
Lead Free:For RoHS/Lead Free Version,
Maximum Ratings and Electrical Charateristics @TA=25℃
℃
℃
℃ unless otherwise specified
Parameter Symbol
voltage
Maximum repetitive peak reverse
Typical Junction Capacitance (Note1)
Maximum instantaneous forward voltage at 1A
Operating temperature range
Maximum RMS voltage
Maximum DC blocking voltage
IFsm
IR
Peak forward surge current:8.3ms
single half sine-wave superimposed on
rated load
Storage temperature range
SM1200
THRU
SM2000
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
30
J
J
Maximum leakage current T =100℃
Typical thermal resistance (Note2)
RthA
≤50
°C/W
-55 to +175
-55 to +175
℃
MELF / DO-213AB
●
Idle for surface mount appllcatlons
●
Built-in strain relief
flame retardant epoxy
Case:Molded plastlc use UL 94V-0 recognlzed
●
MELF / DO-213AB
MELF / DO-213AB
MELF / DO-213AB
SM1600
1600
1260
SM1800
1800
1120
SM1400
1400
980
SM1200
1200
840
P.C.B.
(2).Thermal resistance from unction to ambient at ,
mounted.
1600
1800
1400
1200
j
18
25


Similar Part No. - SM2000

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM2000 DIOTEC-SM2000 Datasheet
164Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
SM2000 SEMIKRON-SM2000 Datasheet
106Kb / 2P
Standard silicon rectifier diodes
SM2000 SEMIKRON-SM2000 Datasheet
109Kb / 2P
Standard silicon rectifier diodes
logo
Galaxy Semi-Conductor H...
SM2000 BILIN-SM2000 Datasheet
205Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
SM2000 LUGUANG-SM2000 Datasheet
372Kb / 2P
Surface Mount Rectifiers
More results

Similar Description - SM2000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GF1A VISHAY-GF1A_11 Datasheet
81Kb / 4P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Tiger Electronic Co.,Lt...
S1A TGS-S1A Datasheet
51Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
S2A KISEMICONDUCTOR-S2A Datasheet
5Mb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
Surface Mount Glass Passivated Rectifier
11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
logo
Jinan Jingheng (Group) ...
LL4001G JINANJINGHENG-LL4001G Datasheet
72Kb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S8CG VISHAY-S8CG Datasheet
101Kb / 4P
Surface-Mount Glass Passivated Rectifier
26-Feb-2020
S5A-M3 VISHAY-S5A-M3 Datasheet
91Kb / 4P
Surface Mount Glass Passivated Rectifier
31-Jul-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com