Electronic Components Datasheet Search
  English  ▼

X  

AH293APLA Datasheet(PDF) 7 Page - Anachip Corp

Part # AH293APLA
Description  Low Voltage Hall-Effect Smart Fan Motor Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH293APLA Datasheet(HTML) 7 Page - Anachip Corp

  AH293APLA Datasheet HTML 1Page - Anachip Corp AH293APLA Datasheet HTML 2Page - Anachip Corp AH293APLA Datasheet HTML 3Page - Anachip Corp AH293APLA Datasheet HTML 4Page - Anachip Corp AH293APLA Datasheet HTML 5Page - Anachip Corp AH293APLA Datasheet HTML 6Page - Anachip Corp AH293APLA Datasheet HTML 7Page - Anachip Corp AH293APLA Datasheet HTML 8Page - Anachip Corp AH293APLA Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AH293
Low Voltage Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 0.5 Jun 18, 2004
7/9
Package Information
(1)Package type: SIP-5L
( unit: mm / [inch] )
4.2 REF
[0.165 REF]
0.001]
[0.016
0.03
0.41
±
±
0.001]
[0.037
0.03
0.95
±
±
0.003]
[0.144
0.1
3.65
±
±
0.003]
[0.019
0.1
0.48
±
±
]
003
.
0
±
206
.
0
[
1
.
0
±
22
.
5
2-0.3C
[0.079-0.012C]
0.001]
[0.015
0.03
0.38
±
±
°
° 3
~
2
0.012]
[0.563
0.3
14.3
±
±
0.003]
[0.061
0.1
1.55
±
±
0.003]
[0.029
0.1
0.73
±
±
°
° 5
~
2
°
° 5
~
2
°
° 3
~
2
Location of Sensing Point
1.016 mm
[0.04 inch]
2.006 mm
[0.079 inch]
12
34
5
( Top View)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com