Electronic Components Datasheet Search
  English  ▼

X  

OZ8022 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OZ8022
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OZ8022 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OZ8022 Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ8022 Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ8022 Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ8022 Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ8022 Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ8022 Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ8022 Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ8022 Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ8022 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
Intelligent Lighting Family
Product Guide
Part
Number
Description
Package(s) Available
(Lead-free)
Page
No.
LED Backlight Controller ICs for AUTOMOTIVE/CAR TV/GPS/PND Applications
OZ523
Step Down DC/DC Converter
8 SOP
34
OZ524
Step Down 3A DC/DC Converter
8 E-SOP
35
OZ526
White LED Controller
12 DFN
36
OZ527
Automotive GPS LED Controller
24 E-TSSOP, QFN
37
OZ528
LCD Bias Supply Controller
28 E-TSSOP, QFN, SOP
38
OZ9960
High Power LED Controller
12 DFN, 16 SSOP
9
OZ9961
Six String LED Controller
20 E-TSSOP, SSOP
15
OZ9965
LED Controller + 2 – DC/DC
28 E-TSSOP
39
OZ9990
Four String, High Power, Buck/Boost LED
Driver
24 E-TSSOP
40
OZ9993
Low Cost White LED Controller
6 SOT-23
11
OZ9998A
Eight String, High Power LED Controller
24 E-TSSOP, QFN,
SOP
18
LED Controller ICs for GENERAL LIGHTING Applications – NON-ISOLATED
OZ8022
Three-Step Dimming
6 SOT-23
41
OZ8022A/
OZ8022B/
OZ8022M
Three-Step Dimming
6 SOT-23
42
OZ8022T
High Power Factor, Three-Step Dimming
16 QFN, 8 SOP
43
OZ8022V
High Power Factor
6 SOT-23
44
OZ8024/
OZ8024R
Continuous Dimming
16 QFN, 8 SOP
45
OZ9992/
OZ9992A
Three-Step Dimming
8 SOP
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com