Electronic Components Datasheet Search
  English  ▼

X  

OZ522 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OZ522
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OZ522 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OZ522 Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ522 Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ522 Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ522 Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ522 Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ522 Datasheet HTML 9Page - List of Unclassifed Manufacturers OZ522 Datasheet HTML 10Page - List of Unclassifed Manufacturers OZ522 Datasheet HTML 11Page - List of Unclassifed Manufacturers OZ522 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
8
OZ9956C
FEATURES
• High frequency DC/DC power converter controller for LEDs
• Drives up to 6 strings in parallel
• Integrated LED current balance control circuit
• Integrated power MOSFET
• Up to 1.5MHz switching operation
• Supports phase-shift dimming with adaptive phase control
• External PWM dimming control
• Output over-voltage and short circuit protection
• LED over-current and short circuit protection
• Switch over-current protection
• Thermal protection
• Under-voltage protection
GENERAL DESCRIPTION
The OZ9956C is a high efficiency, DC/DC controller that drives up to six (6)
strings of LEDs in parallel configuration, with multiple LEDs in each string con-
nected in series. It is targeted for notebook/netbook applications.
It provides six (6) LED current sense inputs in an “OR” configuration for im-
proved backlight reliability. This allows the backlight to remain functional in the
event that any string (s) is damaged during normal operation.
OZ9956C supports an external Pulse Width Modulation (PWM) signal for the
phase-shifted dimming control function. It provides an integrated circuit to
balance the current flow through each LED string, as well as, an integrated
power MOSFET.
APPLICATIONS
APPLICATION DIAGRAM
• Notebook/Netbook
Computer
U.S. Patent #’s 7,498,793; 7,847,783; 8,248,439; and more patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com