Electronic Components Datasheet Search
  English  ▼

X  

LD7576 Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD7576
Description  Green-Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7576 Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD7576 Datasheet HTML 3Page - Leadtrend Technology LD7576 Datasheet HTML 4Page - Leadtrend Technology LD7576 Datasheet HTML 5Page - Leadtrend Technology LD7576 Datasheet HTML 6Page - Leadtrend Technology LD7576 Datasheet HTML 7Page - Leadtrend Technology LD7576 Datasheet HTML 8Page - Leadtrend Technology LD7576 Datasheet HTML 9Page - Leadtrend Technology LD7576 Datasheet HTML 10Page - Leadtrend Technology LD7576 Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LD7576/76H/76J/76K
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7576-DS-04a
December 2009
Electrical Characteristics
(TA = +25
oC unless otherwise stated, VCC=15.0V)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low Frequency Timer (CT Pin)
Low Frequency Period
CT=0.047
μF
4.7
mS
Temp. Stability
(-40
°C ~105°C)
5
%
Voltage Stability
(VCC=11V-25V)
1
%
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, Io=20mA
1
V
Output High Level
VCC=15V, Io=20mA
8
V
Rising Time
Load Capacitance=1000pF
50
160
nS
Falling Time
Load Capacitance=1000pF
30
60
nS
OLP (Over Load Protection)
OLP Trip Level
5.0
V
CT=0.1
μF
110
mS
OLP Delay Time
CT=0.047
μF
45
mS
OTP (Over Temperature)
OTP Level
140
°C
OTP Hysteresis
30
°C
Latch Protection
CT Pin Trip Level for Latch Protection
Low Activated
0.8
V
Timer for Power-on Verification
250
mS
De-Latch Vcc Level
7.2
8
8.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com