Electronic Components Datasheet Search
  English  ▼

X  

IT3205CE Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IT3205CE
Description  MT6516 Design Notice V1.0
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IT3205CE Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IT3205CE Datasheet HTML 17Page - List of Unclassifed Manufacturers IT3205CE Datasheet HTML 18Page - List of Unclassifed Manufacturers IT3205CE Datasheet HTML 19Page - List of Unclassifed Manufacturers IT3205CE Datasheet HTML 20Page - List of Unclassifed Manufacturers IT3205CE Datasheet HTML 21Page - List of Unclassifed Manufacturers IT3205CE Datasheet HTML 22Page - List of Unclassifed Manufacturers IT3205CE Datasheet HTML 23Page - List of Unclassifed Manufacturers IT3205CE Datasheet HTML 24Page - List of Unclassifed Manufacturers IT3205CE Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 212 page
background image
Copyright © MediaTek Inc. All rights reserved.
21
MT6326 PMIC
MT6326 PMIC
Base Band
Processor
2G Transceiver
Memory
RAM
Flash
Boost Converter
1. Back Light
2. Flash Light
3. USB OTG
KP LED Driver
(Open Drain)
Vibrator Driver
(Open Drain)
Class-D
Audio Amplifier 1
WIFI
BlueTooth
Camera Sensor
(AF)
Audio Switch
Charger
Controller
Reset
Generator
I2C
M
1
2
3
4
5
6
7
8
9
0
#
LCM
Module
USB
Device
SIM1
Class-D
Audio Amplifier 2
Essential LDOs
VA
VIO
VRTC1
VRTC2
VSIM1
VGP2
2 DC-DC
(For Vcore)
DVFS
DC-DC (For
Vmem)
2G Transceiver
LDOs
VRF, VTCXO
Basic Feature
LDOs
VUSB, VBT
VCAM_D
VCAM_A
Extra LDOs
WIFI
General Purpose
Vcore2 1.2(0.9_1.8V(1.5)/600mA
Vm 1.8_2.8V/600 mA
VIO_2.8V/150mA
VA_2.8V/150mA
Vrtc1_2.8V/2mA
VUSB 3.3V/100mA
VBT 2.8_3V/100mA
VCAM_D 1.3_1.5_1.8_2.8V/100mA
VCAM_A 1.8_2.5_2.8V/250mA
VRF 2.8V/250mA
VTCXO 2.8V/50mA
Vrtc2_1.2_1.5V/0.1mA
Backup Battery
VWIFI2V8 2.8_3_3.3V/150mA
VWIFI3V3 2.8_3_3.3V/300mA
MT6326
Control
3G Transceiver
LDOs
VPA 1.3~3.4V/600mA
3G PA
Analog Switch
SDIO Device
VSDIO 2.8_3.3V/350mA
3G Transceiver
V3GRX 2.8_3_3.3V/100mA
V3GTX 2.8_3_3.3V/200mA
DC-DC
(For 3G PA)
PMOS
+Rsense
Charger
In
Current Sink *8
(Current sharing)
(MUX)
Vcore1 1.2(0.9_1.8V(1.5)/600mA
2-in-1
Receiver
VGP1 1.8/2.8/100mA
SIM2
VSIM1 1.8_3V/100mA
VSIM2 1.8_3V/100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com