Electronic Components Datasheet Search
  English  ▼

X  

SRD Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SRD
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRD Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SRD Datasheet HTML 1Page - Sanyou Corporation Limited SRD Datasheet HTML 2Page - Sanyou Corporation Limited SRD Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
SRD
CQC02001002126
R50142424
7A 250VAC
7A
28VDC
10A 250VAC
(Form A)
Safety Approval Ratings
(Note:More detail of approval ratings,please refer to the safety certification)
Approval
File No.
Approved
ratings
SRD - S - 1 12
D
M
1
- F -XX
Ordering Information
Nomenclature
Special Parameter:Nil-Standard type
Insulation System:Nil-Standard, B-Class B, F-Class F
Contact Form:Nil-Form C, B-Form B, M-Form A
Coil Power:D-0.36W
Coil Voltage (VDC):03, 05, 06, 09, 12, 15, 18, 24, 48, 60
Number of Poles:1-1 Pole
Protective Construction:S-Flux proofed,
SH-Sealed type washable
Type Designation:SRD
7A 250VAC
5A 240VAC
10A 250VAC
(Form A &
Form C NO)
40034479
Contact 2 or blank:
10A 250VAC(Form C,NO)
7A 250VAC(Form C,NO)
6A 250VAC
(Form C,NC)
Contact 2 or blank
:
10A 250VAC(Form A)
7A 250VAC(Form A)
Contact 3
:
10A 250VAC(Form C,NO)
7A 250VAC(Form C,NO)
6A 250VAC(Form C,NC)
Contact
3:
10A 250VAC(Form A)
7A 250VAC(Form A)
CQC
TUV
VDE
UL/CUL
E190598
contact code
2(Form C)or Nil(Form A or Form B):
contact code
2(Form A or Form B)or Nil(Form C):
contact code
1 or 3:
contact code
4:
contact code
5:
Contact Material:
Moveable Contact for form C
Moveable Contact for form A
Moveable Contact for form B
Nil
-AgSnO2 φ2.8
Nil
-AgSnO2 φ3.0
Nil
-AgSnO2 φ3.0
1- AgCdO
φ2.8
1-AgCdO
φ3.0
1-AgCdO
φ3.0
2-AgSnO2 φ3.0
6-AgNi φ3.0
3- AgCdO
φ3.0
4-3 Compounds
φ3.0
5-Cu plated with La
φ3.0
6-AgNi φ3.0
(2)All stationary contacts are specified as :
φ3.0
contact code
6(Form A or Form C):
10A 277 VAC,Resistive&General use,NO
7A 277 VAC,Resistive&General use,NC
12A 125VAC,Resistive,NO&NC
15A 125VAC,Resistive,NO
10A 250VAC,Resistive,No
7A 250VAC,General use,No&NC
3A 125VAC,General use NO&NC
10A/6A 250VAC ,General use NO/NC
10A/6A 125VAC ,General use NO/NC
10A/6A 28VDC ,General use NO/NC
1/3 HP 250VAC,NO&NC
FLA 5A,LRA 10A,120/240VAC,NO
Pilot duty:240VA,240VAC
TV-3 120VAC,NO
TV-5,120VAC,NO
12A/15A 125VAC,General use&Resistive,NO
10A 250VAC/28VDC,General use&Resistive,NO
1/3 HP 250VAC,NO
FLA 5A,LRA 10A,120/240VAC,NO
TV-3 120VAC,NO
12A/15A 125VAC,General use&Resistive,NO
10A 250VAC/28VDC,General use&Resistive,NO
1/3 HP 250VAC,NO
FLA 5A,LRA 10A,120/240VAC,NO
TV-3 120VAC,NO
7A 250VAC,General use&Resistive,NO&NC
7A 250VAC,General use&Resistive,NO
7A 250VAC,General use&Resistive,NO&NC
7A 250VAC,General use&Resistive,NO
Notes:(1)Dust covers with the marking of "VDE" are just for intend products with the suffixs of
"D2","D3","D6",
and DM
6
"D",
"DM"
"
".



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com