Electronic Components Datasheet Search
  English  ▼

X  

IRFP150A Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # IRFP150A
Description  N-Channel MOSFET Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

IRFP150A Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  IRFP150A Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Specification
N-Channel MOSFET Transistor
IRFP150A
FEATURES
·Drain Current
–I
D= 40A@ TC=25℃
·Drain Source Voltage-
: VDSS= 100V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 0.055Ω(Max)
·Fast Switching
DESCRIPTION
·Designed for use in switch mode power supplies and general
purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage-Continuous
±20
V
ID
Drain Current-Continuous
40
A
IDM
Drain Current-Single Pluse
160
A
PD
Total Dissipation @TC=25℃
180
W
TJ
Max. Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature
-55~150
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.7
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
30
℃/W
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
100
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
2
4
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 22A
0.055
Ω
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 100V; VGS= 0
250
μA
VSD
Forward On-Voltage
IS= 40A; VGS= 0
2.5
V
ELE
PIN 1.Gate 2.Drain 3.Source
TIGER ELECTRONIC CO.,LTD


Similar Part No. - IRFP150A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFP150A FAIRCHILD-IRFP150A Datasheet
261Kb / 7P
Advanced Power MOSFET
logo
Thinki Semiconductor Co...
IRFP150A THINKISEMI-IRFP150A Datasheet
724Kb / 3P
100V,60A Heatsink N-Channel Type Power MOSFET
logo
Inchange Semiconductor ...
IRFP150A ISC-IRFP150A Datasheet
278Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRFP150A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com