Electronic Components Datasheet Search
  English  ▼

X  

AXP288 Datasheet(PDF) 49 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 49 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288_14 Datasheet HTML 45Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 46Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 47Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 48Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 49Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 50Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 51Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 52Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 53Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
49
9.4 Adaptive PWM Charger
The AXP288 battery charger solution has two charging modes that it can be in. It is specifically designed to charge Li Ion or
Li Polymer type batteries. The two modes are 1) Pre Charge Mode and 2) Fast Charge Mode. The delineation between these
two modes is based on the battery voltage level of VTRKL which is set at 3.0V.
When battery voltage, VBATSENSE is between 0V to 3.0V (VTRKL), the charger is in Pre Charge Mode where charging current
is limited to a value of ITRKL (10% of ICHRG, default value is 120mA). This mode of operation is intended to prevent damage to the
battery. Once VBATSENSE ≥ VTRKL, the charger will enter Fast Charge Mode. The Fast Charge Mode can be subdivided into two
phases, namely the constant current phase (CC) and the constant voltage phase (CV). The CC phase takes place when VBATSENSE
is in between VTRKL and VTRGT. It will charge with constant ICHRG. When VBATSENSE reach VTRGT, charger will operate at CV phase. At
this phase, charger will charge with constant voltage of VTRGT.
9.4.1 Charger Overview
ITRKL
VTRKL
ICHRG
VTRGT
Figure 9-22
VTRGT is programmed in REG 33H[6:5] and ICHRG is in REG 33H[3:0] whereas VTRKL is fixed at 3V and ITRKL is set as 10% of ICHRG.
9.4.2 Charging start and stop
When VBATSENSE is between 0V to 3.0V (VTRKL), the charge operation will start when VBUS insert and REG 33H[7] is set to 1.
The charging operation will cease when VBATSENSE is > VTRGT-0.1V and charging current < 10% of ICHRG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com