Electronic Components Datasheet Search
  English  ▼

X  

SDC2921 Datasheet(PDF) 10 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC2921
Description  Voltage Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC2921 Datasheet(HTML) 10 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDC2921 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 11Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 12Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 13Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Datasheet
December, 2013 Rev. 1.2
10/13
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Voltage Mode PWM Controller
SDC2921
Under Voltage Protection Delay Time
REM
REMON
UVP
tUVP
Figure 6. Delay Time
Pulse Width Modulation Block
The output pulse width modulation is generated by
comparison of the sawtooth waveform from the capacitor
CT to the feedback of the voltage. Therefore, an increase
in feedback control signal amplitude cause a linear
decrease of the output pulse width. Also, the SS(Soft-Start)
limits the output pulse width. The timing diagram is
shown as below:
PWM OUT
CT
DTC
FF-CLK
FF-Q
FF-QN
C1
C2
Figure 7. PWM Block
The function of PT
This signal is prepared for extra OVP/OPP (VPT > 1.25V) or disable under voltage protection function (VPT < 0.62V)
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com