Electronic Components Datasheet Search
  English  ▼

X  

SP7615 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7615
Description  Four Channel Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7615 Datasheet(HTML) 4 Page - Sipex Corporation

  SP7615 Datasheet HTML 1Page - Sipex Corporation SP7615 Datasheet HTML 2Page - Sipex Corporation SP7615 Datasheet HTML 3Page - Sipex Corporation SP7615 Datasheet HTML 4Page - Sipex Corporation SP7615 Datasheet HTML 5Page - Sipex Corporation SP7615 Datasheet HTML 6Page - Sipex Corporation SP7615 Datasheet HTML 7Page - Sipex Corporation SP7615 Datasheet HTML 8Page - Sipex Corporation SP7615 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Date: 08/31/05
SP7615 Four Channel Constant Current LED Driver
© Copyright 2005 Sipex Corporation
THEORY OF OPERATION
VCC
EN
GND
C1
1n
R1
D1
LED
SP7615
®
EN
GND
LED1
VCC
ISET
LED2
LED3
LED4
The R
SET value may be determined as RSET =
1.26 * 1000/I
OUT, kΩ where 1.26 is a typical
I
SET pin voltage, 1000 is a typical current
multiplication ratio, and I
OUT is a required
LED current in mA.
The voltage applied to the cathode of each
LED determines the overall efficiency of the
SP7615 circuit. The SP7615 is designed to
be able to sink 125mA at each of its four
outputs; LED1 - 4. The SP7615 is also
designed to be able to handle up to 16V on
these pins. This voltage handling capability
assumes the total power can be dissipated
by the SP7615. The power dissipation inside
the SP7615 will de directly related to the
voltage and current applied to these pins.
For example, the typical operating cathode
voltage is 500mV. At maximum current the
VCC
EN
GND
C1
1n
R1
R2
SP7615
®
EN
GND
LED1
VCC
ISET
LED2
LED3
LED4
SP7615
®
EN
GND
LED1
VCC
ISET
LED2
LED3
LED4
power dissipated by one LED driver output
is 125mA * 500mV = 62.5mW. The following
charts show the power dissipation of the
SP7615 under various conditions. The
power dissipation should be kept below
1.3W for safe operation and long term
reliability at room temperature and derates
to 530mW at 85ºC. While the above
operating conditions are recommended, the
part cannot be damaged due to internal
temperature control as described above in
the thermal shutdown section.
CATHODE VOLTAGE, SUPPLY VOLTAGE
AND POWER DISSIPATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com