Electronic Components Datasheet Search
  English  ▼

X  

TM1668 Datasheet(PDF) 13 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1668
Description  LED drive control dedicated circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1668 Datasheet(HTML) 13 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM1668 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1668 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1668 Datasheet HTML 11Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1668 Datasheet HTML 12Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1668 Datasheet HTML 13Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1668 Datasheet HTML 14Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1668 Datasheet HTML 15Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1668 Datasheet HTML 16Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1668 Datasheet HTML 17Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LED 驱动控制专用电路
TM1668
©Titan Micro Electronics
www.titanmec.com
- 13 -
V2.0
十二、应用电路:
TM1668驱动共阴数码屏硬件电路图(18)
DIO
CLK
STB
K1
K2
VDD
SEG1/KS1
SEG2/KS2
SEG3/KS3
SEG4/KS4
SEG5/KS5
SEG6/KS6
SEG7/KS7
SEG8/KS8
SGE9/KS9
SEG10/KS10
SEG12/GRID7
SEG13/GRID6
SEG14/GRID5
GRID4
GRID3
GND
GRID2
GRID1
TM1668
a
b
f
c
g
d
e
a
b
c
d
e
f
g
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
GRID3
a
b
f
c
g
d
e
a
b
c
d
e
f
g
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
GRID2
a
b
f
c
g
d
e
a
b
c
d
e
f
g
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
GRID1
a
b
f
c
g
d
e
a
b
c
d
e
f
g
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
GRID7
a
b
f
c
g
d
e
a
b
c
d
e
f
g
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
GRID6
a
b
f
c
g
d
e
a
b
c
d
e
f
g
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
GRID5
a
b
f
c
g
d
e
a
b
c
d
e
f
g
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
GRID4
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG8
GRID1
GRID2
GRID3
GRID4
GRID5
GRID6
GRID7
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
GND
100P
100P
100P
GND
VCC
47uF
104
GND
1
2
DIO
STB
CLK
VCC
SEG8
SEG9
SEG10
SEG8
SEG8
SEG8
SEG8
dp
dp
dp
dp
dp
dp
dp
SEG8
dp
dp
dp
dp
dp
dp
dp
SEG8
3
SEG7
图(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com