Electronic Components Datasheet Search
  English  ▼

X  

4580 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4580
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4580 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4580 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4580 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4580 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4580 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4580 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUM
JRC4580
SUM
2/5
EQUIVA LENT CI RCUI T
P IN CONF IGURATI ON
1
2
3
4
-+
A
8
7
6
5
-
+
B
1
2
3
4
5
6
7
8
-+
A
-
+
B
PIN FUNCTION
1 A OUTPUT
2 A -INPUT
3 A +INPUT
4 V-
5 B +INPUT
6 B -INPUT
7 B OUTPUT
8 V+
ABSOL U TE MAXI MUM RATINGS (Ta=25
°C)
Characteris tic
Sym bol
Value
Unit
Supply Vo lt age
V+/V-
±16
V
Input Vo lta ge
V IC
±15
V
Diff erential Input Vo lt age
V ID
±30
V
Output Curr ent
Ic
±50
mA
Power Diss ipation
P D
800
m W
Operating Te mp erature Range
Ta mb
-40~85
°C
Storage Te m p erature Range
Ts tg
-40~1 25
°C
V-
+INPUT
-INPUT
V+
OUTPUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com