Electronic Components Datasheet Search
  English  ▼

X  

STD2NB60-1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD2NB60-1
Description  N-CHANNEL 600V - 3.3OHM - 2.6A DPAK/IPAK PowerMESHTM MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NB60-1 Datasheet(HTML) 2 Page - STMicroelectronics

  STD2NB60-1 Datasheet HTML 1Page - STMicroelectronics STD2NB60-1 Datasheet HTML 2Page - STMicroelectronics STD2NB60-1 Datasheet HTML 3Page - STMicroelectronics STD2NB60-1 Datasheet HTML 4Page - STMicroelectronics STD2NB60-1 Datasheet HTML 5Page - STMicroelectronics STD2NB60-1 Datasheet HTML 6Page - STMicroelectronics STD2NB60-1 Datasheet HTML 7Page - STMicroelectronics STD2NB60-1 Datasheet HTML 8Page - STMicroelectronics STD2NB60-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STD2NB60/STD2NB60-1
2/11
Table 3. Absolute Maximum Ratings
Note: 1. Pulse width limited by safe operating area
2. ISD ≤ 2.6A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
Table 4. Thermal Data
Table 5. Avalanche Characteristics
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain- gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (cont.) at TC = 25 °C
2.6
A
ID
Drain Current (cont.) at TC = 100 °C
1.6
A
IDM
(1)
Drain Current (pulsed)
10.4
A
Ptot
Total Dissipation at TC = 25 °C
50
W
Derating Factor
0.4
W°/C
dv/dt (2)
Peak Diode Recovery voltage slope
4.5
V/ns
Tstg
Storage Temperature
-65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
Symbol
Parameter
Value
Unit
Rthj-case
Thermal Resistance Junction-case
Max
2.5
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
100
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
275
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max, δ < 1%)
2.6
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C; ID = IAR; VDD = 50 V)
80
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com