Electronic Components Datasheet Search
  English  ▼

X  

K-LD2 Datasheet(PDF) 17 Page - RFbeam Microwave GmbH

Part # K-LD2
Description  radar transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2 Datasheet(HTML) 17 Page - RFbeam Microwave GmbH

Back Button K-LD2 Datasheet HTML 12Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 13Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 14Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 15Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 16Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 17Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 18Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 19Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 20Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet
09/2018 - Revision B | Page 17/20
Param. Default Min
Max
Name
Description
F00
–
0000
FFFF
Get software version
Returns the firmware version of the sensor as a 16-Bit hex value.
For example:
@F000078<CR><LF> " 120 " Version 01.20
F01
–
0000
FFFF
Get type of device
Returns the type of the device, that the firmware is running on.
0001: K-LD2
Table 13: Class F 16-Bit flash read parameters
Param. Default Min
Max
Name
Description
R00
–
00
0F
Get detection register Returns the detection register with the content below.
Bit
Name
Description
0
Det
Signals a valid detection.
0: no detection
1: valid detection
1
Dir
Signals the direction of the detection.
0: backward/receding movement detected
1: forward/approaching movement detected
Only valid if Bit 0 is high.
2
Range
Signals the speed range of the detection depen-
ding on the speed threshold parameter D06.
0: low speed range detected
1: high speed range detected
Only valid if the speed range threshold
is > 0 and if Bit 0 is high.
3
Micro
Signals a micro detection found in the DC bin
of the FFT.
0: no micro detection
1: valid micro detection
R01
–
00
FF
Get detection speed
Returns the speed in bin of the last valid detection.
Only valid if the bit 0 in the detection register R00 is high.
R02
–
00
FF
Get detection mag-
nitude
Returns the magnitude in dB of the last valid detection.
Only valid if the bit 0 in the detection register R00 is high.
R03
–
00
FF
Get noise level
Returns the mean noise level value in dB.
R04
–
00
02
Get operation state
Returns the operation state of the sensor. Can be used at start up to check if the
sensor is ready.
00: start up
01: learn
02: run
R05
–
00
09
Get hold time poten-
tiometer index
Returns the current hold time potentiometer index.
00: 0V at the analogue input
09: 3V at the analogue input
R06
–
00
09
Get sensitivity poten-
tiometer index
Returns the current sensitivity potentiometer index.
00: 0V at the analogue input
09: 3V at the analogue input
Table 14: Class R 8-Bit real-time read parameters
Param. Default Min
Max
Name
Description
W00
–
–
–
Reset processor
Generates a software reset.
Check the operation state after the reset with the parameter R04.
W01
–
–
–
Restore factory
settings
Restores the default factory settings for all parameters.
Check the operation state after the restore with the parameter R04.
W02
00
00
01
Set UART baud rate
Sets the baud rate of the serial UART interface.
00: 38400 bps
01: 460800 bps
This parameter is not stored. After a reset or restart the baud rate is set to
38400 bps.
Table 15: Class W 8-Bit basic write parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com