Electronic Components Datasheet Search
  English  ▼

X  

K-LD7 Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # K-LD7
Description  digital radar transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD7 Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  K-LD7 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LD7 Datasheet HTML 2Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD7 | product information
10/2018 – Revision A | Page 2/2
CHARACTERISTICS
Parameter
Conditions / Notes
Symbol Min
Typ
Max Unit
Operating Conditions
Supply voltage
Vcc
3.2
5.5
V
Supply current
Icc
150
mA
Operating temperature
Top
-20
+85
°C
Storage temperature
Tst
-40
+105
°C
Transmitter
Transmitter frequency
Tamb = -20°C .. +85°C
fTX
24.050
24.250
GHz
Output power
EIRP
PTX
12
dBm
Spurious emissions
According to ETSI 300 440
Pspur
-30
dBm
Receiver
LNA gain
GLNA
19
dB
Mixer conversion loss
fIF=1kHz
Dmixer
10
dB
Antenna gain
fTX=24.125GHz
GAnt
8.6
dBi
Receiver sensitivity
fIF=500Hz, B=1kHz, S/N=6dB
PRX
-112
dBm
Overall sensitivity
fIF=500Hz, B=1kHz, S/N=6dB
Dsystem
-127
dBc
Max. detection distance
σ = 1m² (Person)
R
15
m
Signal Processing
Modulation
FSK
Velocity processing
256 point complex FFT
Speed range
Maximum digitally controllable
rspeed
0
20/50/100 km/h
Distance range
Maximum digitally controllable
rdistance
0
10/30/100 m
Antenna
Horizontal -3 dB beamwidth
E-Plane
Wφ
80
°
Vertical -3 dB beamwidth
H-Plane
Wθ
34
°
Horiz. sidelobe suppression
Dφ
-12
-20
dB
Vertical sidelobe suppression
Dθ
-12
-20
dB
Rx1/Rx2 spacing
l
6.223
mm
Interface
Digital output high level voltage
VOH@8mA
2.4
3
V
Digital output low level voltage
VOL@8mA
0
0.4
V
Digital output high level voltage
VOH@20mA
1.7
3
V
Digital output low level voltage
VOL@20mA
0
1.3
V
Digital input high level voltage
VIH
1.7
4
V
Digital input low level voltage
VIL
-0.3
1.3
V
Digital I/O source/sink current
IOH, IOL
-20
20
mA
Analogue input level
VAin
0
3
V
Analogue input impedance
Zin
50
kΩ
Body
Outline dimensions
37×25×7
mm3
Weight
5
g
Connector
3 pin 2.54 mm/8 pin 2.54 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com