Electronic Components Datasheet Search
  English  ▼

X  

AM2320 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AM2320
Description  Digital Temperature and Humidity Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2320 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AM2320 Datasheet HTML 17Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 18Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 19Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 20Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 21Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 22Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 23Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 24Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Note: SLA = I2C address 0xB8. Table CRC parity bit, CRC was 16, the low byte first, high byte。
Return error code: 0x80: not support function code 0x81: Read an illegal address 0x82:
write data beyond the scope
0x83: CRC checksum error 0x84: Write disabled.
8.3 Single bus communication (ONE-WIRE)
8.3.1 Single bus typical circuit
Connection with the AM2320 microprocessor typical application circuit shown in Figure 19.
When single-bus communication mode, after pulling the SDA microprocessor I / O ports are
connected.
Single bus communication Special Instructions:
1. A typical application circuit recommended cable length shorter than 30 meters with a
5.1K pull-up resistor when greater than 30 meters when the pull-up resistor to reduce the actual
situation.
2. 3.3V voltage supply is recommended when the cable length is not greater than 1m.
Otherwise, line drop may cause the sensor communication error.
3. The minimum interval of the read sensor 2S; reading interval is less than 2S, temperature
and humidity might result in denial or communication is unsuccessful and so on.
4. Temperature and humidity values are read out every last measurement result, want to get
real-time data, the need to continuously read twice, repeatedly suggested reading sensor, and each
sensor reading interval greater than 2 seconds to obtain accurate data.
Figure 19: AM2320 single bus typical circuit
8.3.2 Single bus communication protocol
◎ Single Bus Description
+ save content+ CRC
Return:0x10+0x0F+0x01+0xB4(Low Byte)+0x35(High Byte)
Note:Function code + number + register start address register+
CRC
Write a user
registers a
0x10
0x10
Send:(SLA+W)+0x10+0x10+0x02+0x01+0x02+0xC0+0x92
Return:0x10+0x10+0x02+0xFC+0x04
- 20 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com